Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMHF283R3SF/HO Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SMHF283R3SF/HO
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF283R3SF/HO Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMHF283R3SF/HO Datasheet HTML 1Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 2Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 3Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 4Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 5Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 6Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 7Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 8Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DC/DC CONVERTERS
SMHF SERIES
SINGLE AND DUAL
15 WATT
PIN OUT
SMHF
28 05 S F / K
R
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Radiation Level
Case Option
(Non-flanged case has no designator
in this position)
MODEL NUMBERING KEY
Pin
Single Output
Dual Output
1
Inhibit
Inhibit
2
No connection
Positive Output
3
Output Common
Output Common
4
Positive Output
Negative Output
51
Sync
Sync
6
Case Ground
Case Ground
7
Input Common
Input Common
8
Positive Input
Positive Input
1. If Sync is not used, pin 5 should be connected to input common.
FIGURE 2: PIN OUT
BOTTOM VIEW
SMHF SINGLE AND DUAL
NON-FLANGED OR FLANGED
Dot on top of cover
indicates pin one.
Dotted line outlines flanged package option.
1
2345
87
6
See Figures 21 through 24 for dimensions.
SMD NUMBERS
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9213902HXC
IN PROCESS
5962-9160102HXC
5962-9555902HXC
5962-9214402HXC
5962-9161402HXC
SMHF
SIMILAR PART
SMHF2805S/HO
SMHF2812S/HO
SMHF2815S/HO
SMHF2805D/HO
SMHF2812D/HO
SMHF2815D/HP
To indicate the flanged case option change the “X” to “Z” In the
SMD number. The SMD number shown is for Class H
screening, non-flanged, and no Radiation Hardness Assurance
(RHA) level. See the SMD for the numbers for other screening
and radiation levels. For exact specifications for an SMD
product, refer to the SMD drawing. Call your Interpoint repre-
sentative for status on the SMHF SMD releases which are “in
process.” SMDs can be downloaded from
http://www.dscc.dla.mil/programs/smcr
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com