Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMHF283R3SF/HO Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # SMHF283R3SF/HO
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF283R3SF/HO Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button SMHF283R3SF/HO Datasheet HTML 2Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 3Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 4Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 5Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 6Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 7Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 8Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 9Page - Interpoint Corporation Company SMHF283R3SF/HO Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DC/DC CONVERTERS
SMHF SERIES
SINGLE AND DUAL
15 WATT
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 6
FIGURE 8
OUTPUT POWER (Watts)
SMHF2805D EFFICIENCY
40
90
80
70
60
50
2
46
8
10
12
40V
28V
16V
OUTPUT POWER (Watts)
SMHF2815D EFFICIENCY
40
90
80
70
60
50
2
4
6
8
10
12
14
40V
28V
16V
OUTPUT POWER (Watts)
SMHF 2805S EFFICIENCY
40
90
80
70
60
50
246
8
10
12
16V
28V
40V
FIGURE 3
OUTPUT POWER (Watts)
SMHF2812S EFFICIENCY
40
90
80
70
60
50
2
46
8
10
12
14
16V
40V
28V
15
FIGURE 4
OUTPUT POWER (Watts)
SMHF2812D EFFICIENCY
40
90
80
70
60
50
2
46
8
10
12
14
40V
28V
16V
15
FIGURE 7
FIGURE 5
OUTPUT POWER (Watts)
SMHF2815S EFFICIENCY
40
90
80
70
60
50
2
46
8
10
12
14
16V
40V
15
28V
FREQUENCY (kHz)
SMHF SERIES AUDIO REJECTION
–100
0.1
1
10
100
–90
–80
–70
–60
–50
–40
–20
–10
0
–30
FIGURE 9
1ms/div
16V TO 40V
SMHF2805S STEP LINE RESPONSE
VIN
VOUT
FIGURE 10
FIGURE 11
50
µs/div
50%
100%
SMHF2805S STEP LOAD RESPONSE
50% to 100%
100% to 50%
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com