Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5467 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 31Page - Cirrus Logic CS5467 Datasheet HTML 32Page - Cirrus Logic CS5467 Datasheet HTML 33Page - Cirrus Logic CS5467 Datasheet HTML 34Page - Cirrus Logic CS5467 Datasheet HTML 35Page - Cirrus Logic CS5467 Datasheet HTML 36Page - Cirrus Logic CS5467 Datasheet HTML 37Page - Cirrus Logic CS5467 Datasheet HTML 38Page - Cirrus Logic CS5467 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
CS5467
DS714A1
35
ADVANCE RELEASE
These values may be read and stored for future system AC offset compensation. The value is represented in
two's complement notation in the range of -1.0
≤ Vacoff, Iacoff < 1.0 (-1.0 ≤ V2acoff, I2acoff < 1.0), with the binary point
to the right of the MSB.
6.2.5 PulseRateE Register
Address: 15
Default = 0x800000 = 1.00 (2 kHz @ 4.096 MHz MCLK)
PulseRateE sets the frequency of E1, E2, & E3
pulses. E1, E2, E3 frequency = (MCLK x PulseRateE) / 2048 at
full scale. For a 4 khz sample rate, the maximum pulse rate is 2 khz. The value is represented in two's comple-
ment notation and in the range is -1.0
≤ PulseRateE < 1.0, with the binary point to the right of the MSB. Negative
values have the same effect as positive. See Section 5.5 Energy Pulse Output on page 18 for more information.
6.2.6 Operational Mode (Mode) Register
Address: 16
Default = 0x000000
E2MODE
E2 Output Mode
0 = Sign of Active Power (default)
1 = Apparent Power
VHPF(VHPF2) Enables the High Pass Filter on the voltage channel.
0 = High-pass filter disabled (default)
1 = High-pass filter enabled
IHPF(IHPF2)
Enables the High Pass Filter on the current channel.
0 = High-pass filter disabled (default)
1 = High-pass filter enabled
E3MODE1:0
E3 Output Mode
00 = Reactive Power (default)
01 = PFMON
10 = Voltage sign
11 = Apparent Power
POS
Positive Energy Only. Negative energy pulses on E1 are suppressed. However, negative P reg-
ister results will NOT be suppressed.
AFC
Enables automatic line frequency measurement and sets the frequency of the local sine/cosine
generator used in fundamental/harmonic measurements. When AFC is enabled, the Epsilon
register will be updated periodically.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
23
22
21
20
19
18
17
16
--
--
--
-
15
14
13
12
11
10
9
8
--
-
-
-
E2MODE
VHPF2
7
654
32
10
IHPF2
VHPF
IHPF
-
E3MODE[1]
E3MODE[0]
POS
AFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com