Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5467 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 32Page - Cirrus Logic CS5467 Datasheet HTML 33Page - Cirrus Logic CS5467 Datasheet HTML 34Page - Cirrus Logic CS5467 Datasheet HTML 35Page - Cirrus Logic CS5467 Datasheet HTML 36Page - Cirrus Logic CS5467 Datasheet HTML 37Page - Cirrus Logic CS5467 Datasheet HTML 38Page - Cirrus Logic CS5467 Datasheet HTML 39Page - Cirrus Logic CS5467 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
CS5467
36
DS714A1
ADVANCE RELEASE
6.2.7 Epsilon (
ε) Register
Address: 17
Default = 0x01999A = 0.0125 sec
Epsilon (
ε) is the ratio of the input line frequency to the sample frequency of the ADC (See Section 5.4 Perform-
ing Measurements
on page 17). Epsilon is either written to the register, or measured during conversions. The
value is represented in two's complement notation and in the range of -1.0
≤
ε < 1.0, with the binary point to the
right of the MSB. Negative values have no significance.
6.2.8 Cycle Count Register
Address: 19
Default = 0x000FA0 = 4000
Cycle Count, denoted as N, determines the length of one computation cycle. During continuous conversions,
the computation cycle frequency is (MCLK/K)/(1024
∗N). A one second computational cycle period occurs when
MCLK = 4.096 MHz, K = 1, and N = 4000.
6.2.9 Reactive Power (QTrig, Q2Trig) Registers
Address: 20 (QTrig), 21 (Q2Trig)
The Reactive Power (QTrig, Q2Trig) is calculated using trigonometric identities. (See Section 4.3 Power Mea-
surements
on page 15). The value is represented in unsigned notation and in the range of 0
≤ QTrig < 1.0
(0
≤ Q2Trig < 1.0), with the binary point to the right of the MSB.
6.2.10 Temperature Gain (TGain) Register
Address: 22
Default = 0x34E2E7 = 26.443169117
Temperature gain (TGain) is utilized to convert from one temperature scale to another. The Celsius scale (
oC) is
the default. Values will be within in the range of 0
≤ TGain < 128. The value is represented in unsigned notation,
with the binary point to the right of bit 7th MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
26
25
24
23
22
21
20
2-1
.....
2-11
2-12
2-13
2-14
2-15
2-16
2-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com