Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWCSSRM1.CC Datasheet(PDF) 7 Page - ams AG

Part # GWCSSRM1.CC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.CC Datasheet(HTML) 7 Page - ams AG

Back Button GWCSSRM1.CC Datasheet HTML 3Page - ams AG GWCSSRM1.CC Datasheet HTML 4Page - ams AG GWCSSRM1.CC Datasheet HTML 5Page - ams AG GWCSSRM1.CC Datasheet HTML 6Page - ams AG GWCSSRM1.CC Datasheet HTML 7Page - ams AG GWCSSRM1.CC Datasheet HTML 8Page - ams AG GWCSSRM1.CC Datasheet HTML 9Page - ams AG GWCSSRM1.CC Datasheet HTML 10Page - ams AG GWCSSRM1.CC Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Version 1.5 (not for new design)
GW CSSRM1.CC
Color Chromaticity Groups
Farbortgruppen
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5C
0.3055
0.3177
6N
0.3853
0.3776
5T
0.4298
0.3867
0.3068
0.3113
0.3885
0.3882
0.4342
0.3957
0.3108
0.3229
0.3934
0.3825
0.4373
0.3893
0.3119
0.3162
0.3970
0.3935
0.4420
0.3985
6C
0.3041
0.3240
7N
0.3885
0.3882
6T
0.4342
0.3957
0.3055
0.3177
0.3916
0.3987
0.4386
0.4048
0.3098
0.3296
0.3970
0.3935
0.4420
0.3985
0.3108
0.3229
0.4006
0.4044
0.4468
0.4077
7C
0.3028
0.3304
5O
0.3890
0.3690
7T
0.4386
0.4048
0.3041
0.3240
0.3916
0.3772
0.4430
0.4138
0.3087
0.3363
0.3975
0.3731
0.4468
0.4077
0.3098
0.3296
0.4006
0.3815
0.4515
0.4168
5D
0.3108
0.3229
6O
0.3916
0.3772
8T
0.4430
0.4138
0.3119
0.3162
0.3943
0.3853
0.4474
0.4228
0.3162
0.3282
0.4006
0.3815
0.4515
0.4168
0.3170
0.3212
0.4036
0.3898
0.4562
0.4260
6D
0.3098
0.3296
7O
0.3943
0.3853
5U
0.4373
0.3893
0.3108
0.3229
0.3970
0.3934
0.4420
0.3985
0.3154
0.3352
0.4036
0.3898
0.4428
0.3906
0.3162
0.3282
0.4067
0.3982
0.4477
0.3998
7D
0.3087
0.3363
8O
0.3970
0.3934
6U
0.4420
0.3985
0.3098
0.3296
0.3997
0.4015
0.4468
0.4077
0.3146
0.3422
0.4067
0.3982
0.4477
0.3998
0.3154
0.3352
0.4097
0.4065
0.4526
0.4090
5E
0.3162
0.3282
5P
0.3975
0.3731
7U
0.4468
0.4077
0.3170
0.3212
0.4006
0.3815
0.4515
0.4168
0.3216
0.3334
0.4061
0.3773
0.4526
0.4090
0.3221
0.3262
0.4095
0.3858
0.4576
0.4183
6) page 25
6) Seite 25
2018-05-10
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com