Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWCSSRM1.CC Datasheet(PDF) 9 Page - ams AG

Part # GWCSSRM1.CC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.CC Datasheet(HTML) 9 Page - ams AG

Back Button GWCSSRM1.CC Datasheet HTML 5Page - ams AG GWCSSRM1.CC Datasheet HTML 6Page - ams AG GWCSSRM1.CC Datasheet HTML 7Page - ams AG GWCSSRM1.CC Datasheet HTML 8Page - ams AG GWCSSRM1.CC Datasheet HTML 9Page - ams AG GWCSSRM1.CC Datasheet HTML 10Page - ams AG GWCSSRM1.CC Datasheet HTML 11Page - ams AG GWCSSRM1.CC Datasheet HTML 12Page - ams AG GWCSSRM1.CC Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Version 1.5 (not for new design)
GW CSSRM1.CC
5L
0.3670
0.3578
6R
0.4185
0.3902
8W
0.4636
0.4197
0.3692
0.3677
0.4223
0.3990
0.4688
0.4290
0.3746
0.3624
0.4263
0.3929
0.4697
0.4211
0.3773
0.3726
0.4305
0.4019
0.4750
0.4304
6L
0.3692
0.3677
7R
0.4223
0.3990
5X
0.4538
0.3931
0.3714
0.3775
0.4261
0.4077
0.4591
0.4025
0.3773
0.3726
0.4305
0.4019
0.4593
0.3944
0.3799
0.3828
0.4346
0.4108
0.4648
0.4038
7L
0.3714
0.3775
8R
0.4261
0.4077
6X
0.4591
0.4025
0.3736
0.3874
0.4299
0.4165
0.4644
0.4118
0.3799
0.3828
0.4346
0.4108
0.4648
0.4038
0.3826
0.3931
0.4387
0.4197
0.4703
0.4132
5M
0.3746
0.3624
5S
0.4222
0.3840
7X
0.4644
0.4118
0.3773
0.3726
0.4263
0.3929
0.4697
0.4211
0.3822
0.3670
0.4298
0.3867
0.4703
0.4132
0.3853
0.3776
0.4342
0.3957
0.4758
0.4225
6M
0.3773
0.3726
6S
0.4263
0.3929
8X
0.4697
0.4211
0.3799
0.3828
0.4305
0.4019
0.4750
0.4304
0.3853
0.3776
0.4342
0.3957
0.4758
0.4225
0.3885
0.3882
0.4386
0.4048
0.4813
0.4319
7M
0.3799
0.3828
7S
0.4305
0.4019
0.3826
0.3931
0.4346
0.4108
0.3885
0.3882
0.4386
0.4048
0.3916
0.3987
0.4430
0.4138
5N
0.3822
0.3670
8S
0.4346
0.4108
0.3853
0.3776
0.4387
0.4197
0.3898
0.3716
0.4430
0.4138
0.3934
0.3825
0.4474
0.4228
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
2018-05-10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com