Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWCSSRM1.EC Datasheet(PDF) 8 Page - ams AG

Part # GWCSSRM1.EC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.EC Datasheet(HTML) 8 Page - ams AG

Back Button GWCSSRM1.EC Datasheet HTML 4Page - ams AG GWCSSRM1.EC Datasheet HTML 5Page - ams AG GWCSSRM1.EC Datasheet HTML 6Page - ams AG GWCSSRM1.EC Datasheet HTML 7Page - ams AG GWCSSRM1.EC Datasheet HTML 8Page - ams AG GWCSSRM1.EC Datasheet HTML 9Page - ams AG GWCSSRM1.EC Datasheet HTML 10Page - ams AG GWCSSRM1.EC Datasheet HTML 11Page - ams AG GWCSSRM1.EC Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Version 1.6(not for new design)
GW CSSRM1.EC
B8
0.4920
0.4239
6O
0.3916
0.3772
5V
0.4428
0.3906
0.4980
0.4334
0.3943
0.3853
0.4477
0.3998
0.4989
0.4246
0.4006
0.3815
0.4483
0.3919
0.5051
0.4340
0.4036
0.3898
0.4534
0.4011
C5
0.4804
0.3963
7O
0.3943
0.3853
6V
0.4477
0.3998
0.4866
0.4057
0.3970
0.3934
0.4526
0.4090
0.4872
0.3969
0.4036
0.3898
0.4534
0.4011
0.4935
0.4064
0.4067
0.3982
0.4585
0.4104
C6
0.4866
0.4057
8O
0.3970
0.3934
7V
0.4526
0.4090
0.4928
0.4152
0.3997
0.4015
0.4576
0.4183
0.4935
0.4064
0.4067
0.3982
0.4585
0.4104
0.4999
0.4158
0.4097
0.4065
0.4636
0.4197
C7
0.4928
0.4152
5P
0.3975
0.3731
8V
0.4576
0.4183
0.4989
0.4246
0.4006
0.3815
0.4625
0.4275
0.4999
0.4158
0.4061
0.3773
0.4636
0.4197
0.5063
0.4252
0.4095
0.3858
0.4688
0.4290
C8
0.4989
0.4246
6P
0.4006
0.3815
5W
0.4483
0.3919
0.5051
0.4340
0.4036
0.3898
0.4534
0.4011
0.5063
0.4252
0.4095
0.3858
0.4538
0.3931
0.5126
0.4347
0.4130
0.3944
0.4591
0.4025
5H
0.3366
0.3369
7P
0.4036
0.3898
6W
0.4534
0.4011
0.3369
0.3451
0.4067
0.3982
0.4585
0.4104
0.3441
0.3428
0.4130
0.3944
0.4591
0.4025
0.3448
0.3515
0.4164
0.4029
0.4644
0.4118
6H
0.3369
0.3451
8P
0.4067
0.3982
7W
0.4585
0.4104
0.3373
0.3534
0.4097
0.4065
0.4636
0.4197
0.3448
0.3515
0.4164
0.4029
0.4644
0.4118
0.3456
0.3601
0.4198
0.4115
0.4697
0.4211
7H
0.3373
0.3534
5Q
0.4061
0.3773
8W
0.4636
0.4197
0.3376
0.3616
0.4095
0.3858
0.4688
0.4290
0.3456
0.3601
0.4147
0.3814
0.4697
0.4211
0.3464
0.3688
0.4185
0.3902
0.4750
0.4304
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
2018-05-10
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com