Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWCSSRM1.EC Datasheet(PDF) 10 Page - ams AG

Part # GWCSSRM1.EC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.EC Datasheet(HTML) 10 Page - ams AG

Back Button GWCSSRM1.EC Datasheet HTML 6Page - ams AG GWCSSRM1.EC Datasheet HTML 7Page - ams AG GWCSSRM1.EC Datasheet HTML 8Page - ams AG GWCSSRM1.EC Datasheet HTML 9Page - ams AG GWCSSRM1.EC Datasheet HTML 10Page - ams AG GWCSSRM1.EC Datasheet HTML 11Page - ams AG GWCSSRM1.EC Datasheet HTML 12Page - ams AG GWCSSRM1.EC Datasheet HTML 13Page - ams AG GWCSSRM1.EC Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Version 1.6(not for new design)
GW CSSRM1.EC
7K
0.3625
0.3711
6S
0.4263
0.3929
5Z
0.4639
0.3948
0.3642
0.3805
0.4305
0.4019
0.4689
0.3953
0.3714
0.3775
0.4342
0.3957
0.4696
0.4042
0.3736
0.3874
0.4386
0.4048
0.4747
0.4047
5L
0.3670
0.3578
7S
0.4305
0.4019
6Z
0.4696
0.4042
0.3692
0.3677
0.4346
0.4108
0.4747
0.4047
0.3746
0.3624
0.4386
0.4048
0.4753
0.4136
0.3773
0.3726
0.4430
0.4138
0.4805
0.4141
6L
0.3692
0.3677
8S
0.4346
0.4108
7Z
0.4753
0.4136
0.3714
0.3775
0.4387
0.4197
0.4805
0.4141
0.3773
0.3726
0.4430
0.4138
0.4809
0.4230
0.3799
0.3828
0.4474
0.4228
0.4863
0.4234
7L
0.3714
0.3775
5T
0.4298
0.3867
8Z
0.4809
0.4230
0.3736
0.3874
0.4342
0.3957
0.4863
0.4234
0.3799
0.3828
0.4373
0.3893
0.4866
0.4324
0.3826
0.3931
0.4420
0.3985
0.4922
0.4329
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
2018-05-10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com