Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2633RF28 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # HD64F2633RF28
Description  Series of Microcomputers (MCUs: microcomputer units)
PDF  1453 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2633RF28 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button HD64F2633RF28 Datasheet HTML 82Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 83Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 84Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 85Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 86Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 87Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 88Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 89Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1453 page
background image
32
Type
Symbol
I/O
Name and Function
Operating mode
control
MD2 to MD0
Input
Mode pins: These pins set the operating mode.
The relation between the settings of pins MD2 to MD0
and the operating mode is shown below. These pins
should not be changed while the H8S/2633 Series is
operating.
MD2
MD1
MD0
Operating Mode
000—
1—
10—
1—
1
0
0
Mode 4
1
Mode 5
1
0
Mode 6
1
Mode 7
System control
RES
Input
Reset input: When this pin is driven low, the chip is
reset.
MRES
Input
Manual reset: When this pin is driven low, a
transmission is made to manual reset mode.
STBY
Input
Standby: When this pin is driven low, a transition is
made to hardware standby mode.
BREQ
Input
Bus request: Used by an external bus master to issue
a bus request to the H8S/2633 Series.
BREQO
Output
Bus request output: The external bus request signal
used when an internal bus master accesses external
space in the external bus-released state.
BACK
Output
Bus request acknowledge: Indicates that the bus has
been released to an external bus master.
FWE
Input
Flash write enable: Pin for flash memory use (in
planning stage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com