Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2633RF28 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD64F2633RF28
Description  Series of Microcomputers (MCUs: microcomputer units)
PDF  1453 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2633RF28 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD64F2633RF28 Datasheet HTML 17Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 18Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 19Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 20Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 21Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 22Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 23Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 24Page - Renesas Technology Corp HD64F2633RF28 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1453 page
background image
13
Section
Page
Item
Description
24.2.1 Standby
Control Register
989
Bit 7—Software Standby
(SSBY)
Note * added
(SBYCR)
990
Bits 6 to 4—Standby Timer
Select 2 to 0 (STS2 to STS0)
Note * added and
Description amended
(Setting Prohibited) added to
Bits 6 to 4 table
Bit 3—Output Port Enable
(OPE)
Note * added
24.2.2
System Clock
Control Register
(SCKCR)
991, 992
Bit 7—ø Clock Output Disable
(PSTOP), Bit 3—Frequency
Multiplication Factor Switch
Mode Select (STCS), Bits 2 to
0—System Clock Select (SCK2
to SCK0)
Note * added
24.2.3 Low-Power
Control Register
(LPWRCR)
992
H8S/2633R added to bit
table for H8S/2633 Series
H8S/2695 bit table and Note
* added
993, 994
Bit 7—Direct Transfer On Flag
(DTON) and Bit 6—Low Speed
ON Flag (LSON)
Note *, *2 added
24.2.4 Timer
Control/Status Register
(TCSR)
995, 996
Note *1 added
24.5.1 Module Stop
999
Note * added
Mode
1000
Table 24-4 MSTP Bits and
Corresponding On-Chip
Supporting Modules
Note *2 added
24.5.2 Usage Notes
1001
Description of Reading I/O
Ports in Subactive Mode
added
24.6.3 Setting
Oscillation Stabilization
Time after Clearing
Software Standby
Mode
1003
Table 24-5 Oscillation
Stabilization Time Settings
Under Standby Time, 16
states changed to 16 states
(setting prohibited)
Note * deleted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com