Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37544 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M37544
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M37544 Datasheet HTML 35Page - Renesas Technology Corp M37544 Datasheet HTML 36Page - Renesas Technology Corp M37544 Datasheet HTML 37Page - Renesas Technology Corp M37544 Datasheet HTML 38Page - Renesas Technology Corp M37544 Datasheet HTML 39Page - Renesas Technology Corp M37544 Datasheet HTML 40Page - Renesas Technology Corp M37544 Datasheet HTML 41Page - Renesas Technology Corp M37544 Datasheet HTML 42Page - Renesas Technology Corp M37544 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 39 of 66
REJ03B0012-0104Z
Fig. 48 State transition
Stop mode
Wait mode
WIT
instruction
Oscillation stop detection circuit valid
CPUM4
←12
MISRG1¨12
Interrupt
Interrupt
STP
instruction
WIT
instruction
Interrupt
MISRG1
←02
CPUM3¨12
CPUM3
←02
CPUM76¨102
CPUM76¨002
012
112
(Note 2)
CPUM4¨02
MISRG1¨12
MISRG1¨02
Reset released
State 1
Operation clock source:
f(XIN) (Note 1)
f(XIN) oscillation enabled
On-chip oscillator stop
State 2
Operation clock source:
f(XIN) (Note 1)
f(XIN) oscillation enabled
On-chip oscillator enabled
State 3
Operation clock source:
On-chip oscillator (Note 3)
f(XIN) oscillation enabled
On-chip oscillator enabled
State 4
Operation clock source:
On-chip oscillator (Note 3)
f(XIN) oscillation stop
On-chip oscillator enabled
Notes on switch of clock
(1) In operation clock source = f(XIN), the following can be
selected for the CPU clock division ratio.
● f(XIN)/2 (high-speed mode)
● f(XIN)/8 (middle-speed mode)
● f(XIN) (double-speed mode, only at a ceramic/quartz-crystal
oscillation)
(2) Execute the state transition state 3 to state 2 or
state 3’ to state 2’ after stabilizing XIN oscillation.
(3) In operation clock source = on-chip oscillator, the middle-
speed mode is selected for the CPU clock division ratio.
(4) When the state transition state 2
→ state 3 → state 4
is performed, execute the NOP instruction as shown below
according to the division ratio of CPU clock.
• CPUM76
→ 102 (State 2 → state 3)
• NOP instruction
• CPUM4
→ 12 (State 3 → state 4)
Double-speed mode at on-chip oscillator: NOP ✕ 3
High-speed mode at on-chip oscillator: NOP ✕ 1
Middle-speed mode at on-chip oscillator: NOP
0
Reset state
CPUM76¨102
CPUM76
←002
012
112
(Note 2)
State 2’
Operation clock source:
f(XIN) (Note 1)
f(XIN) oscillation enabled
On-chip oscillator enabled
State 3’
Operation clock source:
On-chip oscillator (Note 3)
f(XIN) oscillation enabled
On-chip oscillator enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com