Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37544 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M37544
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544 Datasheet(HTML) 3 Page - Renesas Technology Corp

  M37544 Datasheet HTML 1Page - Renesas Technology Corp M37544 Datasheet HTML 2Page - Renesas Technology Corp M37544 Datasheet HTML 3Page - Renesas Technology Corp M37544 Datasheet HTML 4Page - Renesas Technology Corp M37544 Datasheet HTML 5Page - Renesas Technology Corp M37544 Datasheet HTML 6Page - Renesas Technology Corp M37544 Datasheet HTML 7Page - Renesas Technology Corp M37544 Datasheet HTML 8Page - Renesas Technology Corp M37544 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 3 of 66
REJ03B0012-0104Z
Fig. 4 Pin configuration (36PJW-A type)
P07(LED7)
P10/RxD
P11/TxD
P12/SCLK
P13/SRDY
P14/CNTR0
P20/AN0
P21/AN1
[N.C.]
P33(LED11)
P32(LED10)
P31(LED9)
P30(LED8)
Vss
XOUT
XIN
[N.C.]
P06(LED6)
M37544M2-XXXHP
M37544G2HP (Note)
36
27 26 25
20 19
21
24 23 22
9
8
7
6
5
3
14
2
31
30
29
28
35
34
33
32
10
11
12
13
14
15
16
17
18
N.C.: Non Connection
Note: Only ES version
(MP: no plan)
Package type: 36PJW-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com