Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8170 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8170 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS8170 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
FS8170
Page 5
May 2003
FOLD logic HIGH output voltage
V
OH
V
CC = VP = 3.0 V, IOH = –1 mA
V
CC –
0.4
V
FOLD logic LOW output voltage
V
OL
V
CC = VP = 3.0 V, IOL = 1 mA
0.4
V
FOLD logic HIGH output current
V
OH
V
CC = VP = 3.0 V
–1
mA
FOLD logic LOW output current
V
OL
V
CC = VP = 3.0 V
1mA
MICROWIRE TIMING
DATA to CLK setup time
t
SU1
10
ns
DATA to CLK hold time
t
HOLD1
10
ns
CLK to LE setup time
t
SU2
20
ns
CLK to LE hold time
t
HOLD2
30
ns
LE Pulse width
t
EW
50
ns
Electrical Characteristics
(V
CC = VP = 3.0 V, VSS = 0 V, TA = –40 to 85 °C unless otherwise noted)
Parameter
Symbol
Condition
Value
Unit
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com