Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA214602FC-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTRA214602FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA214602FC-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTRA214602FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GTRA214602FC
4
Rev. 02.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. Pulsed CW Performance at various V
DD
Figure 6. CW Performance Small Signal
Gain & Input Return Loss
0
10
20
30
40
50
60
70
12
13
14
15
16
17
18
19
28 32 36 40 44 48 52 56 60
Output Power (dBm)
PulsedCW Performance at various VDD
IDQ = 150 mA, 40 µs pulse width,
10% duty cycle, ƒ = 2170 MHz
44 V Gain
48 V Gain
50 V Gain
44 V Eff
48 V Eff
50 V Eff
g214602f c- gr 6a
-15
-10
-5
0
12
13
14
15
16
17
18
2025
2075
2125
2175
2225
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ = 150 mA,
Gain
Input Return Loss
g214602f c- gr 7
0
10
20
30
40
50
60
70
12
13
14
15
16
17
18
19
28 32 36 40 44 48 52 56 60
Output Power (dBm)
PulsedCW Performance at various VDD
IDQ = 150 mA, 40 µs pulse width,
10% duty cycle, ƒ = 2170 MHz
44 V Gain
48 V Gain
50 V Gain
44 V Eff
48 V Eff
50 V Eff
g214602f c- gr 6a
-15
-10
-5
0
12
13
14
15
16
17
18
2025
2075
2125
2175
2225
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ = 150 mA,
Gain
Input Return Loss
g214602f c- gr 7
Load Pull
Main Side Load Pull Performance – Pulsed CW signal: 10 µs pulse width, 10% duty cycle; 48 V, I
DQ = 150 mA, class AB
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs pulse width, 10% duty cycle; 48 V, V
GS(PEAK) = –3.6 V, class C
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
2110
7.7 – j13.6
3.1 – j1.8
17.2
53.00
200
71.0
2.8 + j0.4
18.9
50.90
123
80.8
2140
13.8 – j12.5
3.5 – j2.3
16.6
52.80
191
68.1
2.4 + j0.7
19
50.60
115
83.0
2170
13.0 – j7.0
3.0 – j2.3
16.4
52.80
191
68.1
2.6 + j0.4
18.3
50.80
120
82.5
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
2110
5.8 – j9.0
2.4 – j3.7
15.5
56.40
437
67
2.2 – j1.6
17.2
54.60
288
77.2
2140
7.0 – j9.5
2.5 – j3.7
15.5
56.30
427
66
2.2 – j1.8
17.1
54.60
288
76.0
2170
8.2 – j8.0
2.5 – j3.9
15.3
56.40
437
65
2.0 – j1.8
17.5
54.80
302
79.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com