Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA214602FC-V1-R0 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTRA214602FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA214602FC-V1-R0 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTRA214602FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA214602FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GTRA214602FC
6
Rev. 02.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C105
Capacitor, 1.5 pF
ATC
ATC600F1R5BT250XT
C102, C103, C107, C108
Capacitor, 18 pF
ATC
ATC600F180JT250XT
C104, C109
Capacitor, 10 µF, 100 V
Murata Electronics
GRM32EC72A106KE05L
C106
Capacitor, 1.3 pF
ATC
ATC600F1R3BT250XT
R101, R102
Resistor, 9.1 ohms
Panasonic Electronic Components
ERJ-3GEYJ9R1V
R103
Resistor, 50 ohms
Anaren
C8A50Z4A
U1
Hybrid coupler
Anaren
X3C21P1-03S
Output
C201, C209
Capacitor, 1 pF
ATC
ATC600F1R0BT250XT
C202
Capacitor, 0.9 pF
ATC
ATC600F0R9BT250XT
C203
Capacitor, 0.2 pF
ATC
ATC600F0R2BT250XT
C204
Capacitor, 7.5 pF
ATC
ATC600F7R5BT250XT
C205, C212
Capacitor, 18 pF
ATC
ATC600F180JT250XT
C206, C207, C213, C214
Capacitor, 10 µF, 100 V
Murata Electronics
GRM32EC72A106KE05L
C208, C215
Capacitor, 470 µF, 100 V Panasonic Electronic Components
ECA-2AHG471B
C210
Capacitor, 0.7 pF
ATC
ATC600F0R7BT250XT
C211
Capacitor, 15 pF
ATC
ATC600F150JT250XT
H-37248-4__do_pd_10-10-2012
S
D1
D2
G1
G2
Main
Peak
Pin
Description
D1
Drain Device 1
D2
Drain Device 2
G1
Gate Device 1
G2
Gate Device 2
S
Source (flange)
Pinout Diagram (top view)
Main
Peak



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com