Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1055AMH Datasheet(PDF) 5 Page - Linear Technology

Part # LT1055AMH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055AMH Datasheet(HTML) 5 Page - Linear Technology

  LT1055AMH Datasheet HTML 1Page - Linear Technology LT1055AMH Datasheet HTML 2Page - Linear Technology LT1055AMH Datasheet HTML 3Page - Linear Technology LT1055AMH Datasheet HTML 4Page - Linear Technology LT1055AMH Datasheet HTML 5Page - Linear Technology LT1055AMH Datasheet HTML 6Page - Linear Technology LT1055AMH Datasheet HTML 7Page - Linear Technology LT1055AMH Datasheet HTML 8Page - Linear Technology LT1055AMH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1055/LT1056
AV = 1, CL = 100pF, 0.5µs/DIV
LT1056 Large-Signal Response
TYPICAL PERFORMANCE CHARACTERISTICS
LT1055/56 G10
LT1055/56 G12
AV = 1, CL = 100pF, 0.5µs/DIV
Undistorted Output Swing vs
Frequency
Output Impedence vs Frequency
FREQUENCY (kHz)
1
0.1
1
10
100
10
100
1000
LT1055/56 G15
VS = ±15V
TA = 25°C
AV = 100
LT1055
LT1056
LT1055
LT1056
LT1056
AV = 10
LT1055
AV = 1
Gain vs Frequency
FREQUENCY (Hz)
1
60
80
100
100M
LT1055/56 G16
40
20
–20
100
10k
1M
0
140
120
10
1k
100k
10M
VS = ±15V
TA = 25°C
LT1055
LT1056
TEMPERATURE (°C)
–25
10
100
30
1000
300
25
75
LT1055/56 G18
–75
125
RL = 1k
RL = 2k
VS = ±15V
VO = ±10V
Voltage Gain vs Temperature
FREQUENCY (MHz)
0.1
0
6
12
18
24
110
LT1055/56 G13
30
LT1055
LT1056
VS = ±15V
TA = 25°C
FREQUENCY (MHz)
1
10
10
LT1055/56 G17
0
–10
2
4
20
100
120
140
160
6
8
VS = ±15V
TA = 25°C
PHASE
GAIN
LT1055
LT1056
LT1055
LT1056
Small-Signal Response
AV = 1, CL = 100pF, 0.2µs/DIV
LT1055/56 G11
Slew Rate, Gain-Bandwidth vs
Temperature
Gain, Phase Shift vs Frequency
TEMPERATURE (˚C)
20
30
25
75
LT1055/56 G14
10
–25
125
0
10
8
6
4
2
VS = ±15V
f0 = 1MHz FOR GBW
LT1056 GBW
LT1055 GBW
LT1055 SLEW
LT1056 SLEW
LT1055 Large-Signal Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com