Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC151 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HC151
Description  8-input multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC151 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HC151 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Nexperia
74HC151; 74HCT151
8-input multiplexer
10.1. Waveforms and test circuit
aaa-004588
tPLH
tPHL
VM
VM
10 %
10 %
VM
VM
Y output
In input
VI
GND
VOH
VOL
tTLH
tTHL
tPHL
tPLH
VM
VM
90 %
10 %
10 %
tTHL
tTLH
90 %
90 %
Y output
VOH
VOL
90 %
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 4. Propagation delay input (In) to output (Y, Y) and the output (Y, Y) transition time
aaa-004589
tPHL
tPLH
VM
VM
90 %
10 %
10 %
tTHL
tTLH
90 %
Y output
VOH
VOL
tPLH
tPHL
VM
VM
10 %
10 %
VM
VM
Y output
Sn, E input
VI
GND
VOH
VOL
tTLH
tTHL
90 %
90 %
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 5. Propagation delay input (Sn, E) to output (Y, Y) and output (Y, Y) transitions time
Table 8. Measurement points
Input
Output
Type
VM
VM
74HC151
0.5 × VCC
0.5 × VCC
74HCT151
1.3 V
1.3 V
74HC_HCT151
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 10 — 19 October 2022
9 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com