Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC151 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC151
Description  8-input multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC151 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC151 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC151 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74HC151; 74HCT151
8-input multiplexer
Rev. 10 — 19 October 2022
Product data sheet
1. General description
The 74HC151; 74HCT151 is an 8-bit multiplexer with eight binary inputs (I0 to I7), three select
inputs (S0 to S2) and an enable input (E). One of the eight binary inputs is selected by the select
inputs and routed to the complementary outputs (Y and Y). A HIGH on E forces the output Y
LOW and output Y HIGH. Inputs also include clamp diodes that enable the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC151: CMOS level
• For 74HCT151: TTL level
• Non-inverting data path
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• • HBM JESD22-A114F exceeds 2 kV
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC151D
74HCT151D
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC151PW
74HCT151PW
-40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package;
16 leads; body width 4.4 mm
SOT403-1
74HC151BQ
-40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal
enhanced very thin quad flat package; no leads;
16 terminals; body 2.5 × 3.5 × 0.85 mm
SOT763-1


Similar Part No. - 74HC151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC151 PHILIPS-74HC151 Datasheet
48Kb / 7P
8-input multiplexer
December 1990
logo
Solid State Inc
74HC151 SOLIDSTATE-74HC151 Datasheet
104Kb / 7P
8-Channel Digital Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
8-input multiplexer
74HC151BQ-Q100 NEXPERIA-74HC151BQ-Q100 Datasheet
276Kb / 16P
8-input multiplexer
Rev. 5 8 June 2022
logo
NXP Semiconductors
74HC151D PHILIPS-74HC151D Datasheet
48Kb / 7P
8-input multiplexer
December 1990
More results

Similar Description - 74HC151

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
8-Input Multiplexer
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
8-Input Multiplexer
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
8-Input Multiplexer
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
8-INPUT MULTIPLEXER
October 17 1990
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
8-input multiplexer
Rev. 5-26 January 2015
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
8-input multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com