Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC237D Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HC237D
Description  3-to-8 line decoder, demultiplexer with address latches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC237D Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC237D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Nexperia
74HC237
3-to-8 line decoder, demultiplexer with address latches
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+7
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
-
±20
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
-
±20
mA
IO
output current
VO = -0.5 V to (VCC + 0.5 V)
-
±25
mA
ICC
supply current
-
+50
mA
IGND
ground current
-
-50
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
[1]
-
500
mW
[1] For SOT109-1 (SO16) package: Ptot derates linearly with 12.4 mW/K above 110 °C.
For SOT338-1 (SSOP16) package: Ptot derates linearly with 8.5 mW/K above 91 °C.
For SOT403-1 (TSSOP16) package: Ptot derates linearly with 8.5 mW/K above 91 °C.
8. Recommended operating conditions
Table 5. Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
-40
+25
+125
°C
VCC = 2.0 V
-
-
625
ns/V
VCC = 4.5 V
-
1.67
139
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 6.0 V
-
-
83
ns/V
74HC237
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 26 October 2021
5 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com