Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC237D Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC237D
Description  3-to-8 line decoder, demultiplexer with address latches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC237D Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC237D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC237D Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
74HC237
3-to-8 line decoder, demultiplexer with address latches
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Fig. 10.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ Max
Min
Max
Min
Max
Unit
An to Yn; see Fig. 7
[1]
VCC = 2.0 V
-
52
160
-
200
-
240
ns
VCC = 4.5 V
-
19
32
-
40
-
48
ns
VCC = 5 V; CL = 15 pF
-
16
-
-
-
-
-
ns
VCC = 6.0 V
-
15
27
-
34
-
41
ns
LE to Yn; see Fig. 7
[1]
VCC = 2.0 V
-
61
190
-
240
-
285
ns
VCC = 4.5 V
-
22
38
-
48
-
57
ns
VCC = 5 V; CL = 15 pF
-
19
-
-
-
-
-
ns
VCC = 6.0 V
-
18
32
-
41
-
48
ns
E1to Yn; see Fig. 8
[1]
VCC = 2.0 V
-
47
145
-
180
-
220
ns
VCC = 4.5 V
-
17
29
-
36
-
44
ns
VCC = 5 V; CL = 15 pF
-
14
-
-
-
-
-
ns
VCC = 6.0 V
-
14
25
-
31
-
38
ns
E2 to Yn; see Fig. 7
[1]
VCC = 2.0 V
-
47
145
-
180
-
220
ns
VCC = 4.5 V
-
17
29
-
36
-
44
ns
VCC = 5 V; CL = 15 pF
-
14
-
-
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
-
14
25
-
31
-
38
ns
Yn; see Fig. 7 and
Fig. 8
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition
time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
LE HIGH; see Fig. 9
VCC = 2.0 V
50
11
-
65
-
75
-
ns
VCC = 4.5 V
10
4
-
13
-
15
-
ns
tW
pulse width
VCC = 6.0 V
9
3
-
11
-
13
-
ns
An to LE; see Fig. 9
VCC = 2.0 V
50
6
-
65
-
75
-
ns
VCC = 4.5 V
10
2
-
13
-
15
-
ns
tsu
set-up time
VCC = 6.0 V
9
2
-
11
-
13
-
ns
74HC237
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 26 October 2021
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com