Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA262802FC-V2-R0 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTRA262802FC-V2-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA262802FC-V2-R0 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTRA262802FC-V2-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GTRA262802FC
6
Rev. 03.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit, 2575 – 2635 MHz
C 101
R101
C 102
C 103
C 104
C 105
R102
R103
U1
C 106
C 107
C 206
C 204
C 203
C 202
C 201
C 208
C 207
C 209
C 210
C 212 C 213
C 211
C 214
G TRA262802FC _IN_01
RF_IN
RF_OUT
VDD
VGS(MAIN)
VDD
g t r a 2 6 2 8 0 2 f c _ C D _ 0 3 - 2 0 - 2 0 1 7
RO4350, 20 MIL
G TRA262802FC _OUT_01
RO4350, 20 MIL
C 215
C 205
VGS(PEAK)
Reference circuit assembly diagram (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com