Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA262802FC-V2-R0 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # GTRA262802FC-V2-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA262802FC-V2-R0 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  GTRA262802FC-V2-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
GTRA262802FC
7
Rev. 03.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit Assembly
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C104, C105, C106
Capacitor, 10 pF
ATC
ATC600F100JT250XT
C102, C107
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C103
Capacitor, 0.5 pF
ATC
ATC600F0R5BT250XT
R101, R102
Resistor, 20 ohms
Panasonic Electronic Components
ERJ-8GEYJ200V
R103
Resistor, 50 ohms
Richardson
C8A50Z4A
U1
Hybrid coupler
Anaren
X3C26P1-03S
Output
C201, C207, C209, C211
Capacitor, 10 pF
ATC
ATC600F100JT250XT
C202, C203, C204, C212, C213, C214
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C205, C215
Capacitor, 470 µF
Cornell Dubilier Electronics (CDE)
SEK471M050ST
C206
Capacitor, 0.8 pF
ATC
ATC600F0R8BT250XT
C208
Capacitor, 0.2 pF
ATC
ATC600F0R2BT250XT
C210
Capacitor, 0.5 pF
ATC
ATC600F0R5BT250XT
H-37248-4__do_pd_10-10-2012
S
D1
D2
G1
G2
Main
Peak
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1 (Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
Pinout Diagram (top view)
DUT
GTRA262802FC-V2
Test Fixture Part No.
LTA/GTRA262802FC-V2
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, ε
r = 3.66, ƒ = 2575 – 2635 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
Lead connections for GTRA262802FC V2
Main
Peak



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com