Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA263902FC-V2-R2 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # GTRA263902FC-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 370 W, 48 V, 2495 – 2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA263902FC-V2-R2 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  GTRA263902FC-V2-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GTRA263902FC
3
Rev. 04.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance (data taken in production test fixture)
Figure 1. Single-carrier WCDMA Drive-up
Figure 3. Single-carrier WCDMA Broadband Performance
Figure 2. Single-carrier WCDMA Broadband Performance
Figure 4. CW Performance
0
10
20
30
40
50
60
-70
-60
-50
-40
-30
-20
-10
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = -6.0 V, ƒ = 2690 MHz,
3GPP WCDMA signal, PAR = 10 dB,
BW = 3.84 MHz
ACPU
ACPL
Efficiency
gtra263902fc_g2
-35
-30
-25
-20
-15
-10
-5
-40
-35
-30
-25
-20
-15
-10
2525
2575
2625
2675
2725
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = -6.0 V, POUT = 47.5 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACPU
ACPL
IRL
gtra263902fc_g4
20
30
40
50
60
12
14
16
18
20
2525
2575
2625
2675
2725
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = -6.0 V, POUT = 47.5 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
gtra263902fc_g3
5
15
25
35
45
55
65
8
10
12
14
16
18
20
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = -6.0 V
2620MHz
2655MHz
2690MHz
gtra263902fc_g5
2620MHz
2655MHz
2690MHz
Gain
Efficiency
0
10
20
30
40
50
60
-70
-60
-50
-40
-30
-20
-10
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = -6.0 V, ƒ = 2690 MHz,
3GPP WCDMA signal, PAR = 10 dB,
BW = 3.84 MHz
ACPU
ACPL
Efficiency
gtra263902fc_g2
-35
-30
-25
-20
-15
-10
-5
-40
-35
-30
-25
-20
-15
-10
2525
2575
2625
2675
2725
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = -6.0 V, POUT = 47.5 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACPU
ACPL
IRL
gtra263902fc_g4
20
30
40
50
60
12
14
16
18
20
2525
2575
2625
2675
2725
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = -6.0 V, POUT = 47.5 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
gtra263902fc_g3
5
15
25
35
45
55
65
8
10
12
14
16
18
20
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = -6.0 V
2620MHz
2655MHz
2690MHz
gtra263902fc_g5
2620MHz
2655MHz
2690MHz
Gain
Efficiency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com