Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA263902FC-V2-R2 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTRA263902FC-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 370 W, 48 V, 2495 – 2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA263902FC-V2-R2 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTRA263902FC-V2-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA263902FC-V2-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GTRA263902FC
4
Rev. 04.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance (cont.)
Figure 5. CW Performance at various V
DD
Figure 6. CW Performance Small Signal
Gain & Input Return Loss
5
15
25
35
45
55
65
8
10
12
14
16
18
20
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
at various VDD
IDQ(MAIN) = 200 mA, VGS(PEAK) = -6.0V,
ƒ = 2690 MHz
44V
48V
52V
gtra263902fc_g6
Gain
Efficiency
-18
-16
-14
-12
-10
12
14
16
18
20
2525
2575
2625
2675
2725
2775
2825
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = -6.0 V
IRL
Gain
gtra263902fc_g7
5
15
25
35
45
55
65
8
10
12
14
16
18
20
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
at various VDD
IDQ(MAIN) = 200 mA, VGS(PEAK) = -6.0V,
ƒ = 2690 MHz
44V
48V
52V
gtra263902fc_g6
Gain
Efficiency
-18
-16
-14
-12
-10
12
14
16
18
20
2525
2575
2625
2675
2725
2775
2825
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 200 mA,
VGS(PEAK) = -6.0 V
IRL
Gain
gtra263902fc_g7
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 200 mA, class AB
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, V
GS(PEAK) = -5 V, class C
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
2620
10.4 – j6.7
3.88 – j4.7
16.37
52.80
190.55
65.2
2.84 – j2.35
18.15
50.98
125.3
75.3
2690
7.6 – j6.7
3.91 – j5.35
15.79
52.85
192.75
62.4
2.55 – j2.27
18.05
50.69
117.2
76.6
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
2620
16.8 – j16.8
2.35 – j3.92
14.72
54.55
285.1
68.1
1.68 – j2.17
16
52.29
169.43
77.6
2690
20 – j7.5
2.5 – j4.37
14.32
54.67
293.1
66.4
2.14 – j2.52
15.3
53.12
205.11
77.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com