Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTVA126001EC-V1-R2 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTVA126001EC-V1-R2
Description  Thermally-Enhanced High Power RF GaN HEMT 600 W, 50 V, DC – 1.4 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA126001EC-V1-R2 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTVA126001EC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. P06, 2020-03-10
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. P06, 2020-03-10
4
GTVA126001EC/FC
Load Pull Performance
Reference circuit assembly diagram (not to scale)
Reference Circuit tuned for DC - 1.4 GHz
DUT
GTVA126001EC/FC V1
Test Fixture Part No.
LTN/GTVA126001EC V1, LTN/GTVA126001FC V1LTN/GTVA126001EC/FC
PCB
Rogers 4350, 0.508 mm [.020"] thick, 2 oz. copper,
εr = 3.66
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
RF_IN
C213
C205
C211
C212
C215
C210
R102
R101
C106
C105
R103
C204
C201
C202
C203
C209
C207
C208
C214
C206
VGG
RO4350, 20 MIL
(62)
VDD
RO4350, 20 MIL
(62)
C101
C102
C103
R104
C104
GTVA126001EFC_OUT_08A
GTVA126001EFC_IN_08B
g t va 126001e fc_ CD_ 05- 04- 2018
RF_OUT
VDD
C217
C216
Each Side Load Pull Performance –16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, 60 mA
Max Output Power
Max Efficiency
Z Optimum
Freq
[MHz]
POUT
[dBm]
POUT
[W]
Eff
[%]
Gain
[dB]
ZLoad
[W]
POUT
[dBm]
POUT
[W]
Eff
[%]
Gain
[dB]
ZLoad
[W]
POUT
[dBm]
POUT
[W]
Eff
[%]
Gain
[dB]
ZLoad
[W]
ZSource
[W]
1200
59.20
832
66.29
19.34
1.54 + j0.11
58.12
649
75.83
20.09
2.19 + j0.97
59.09
811
70.51
19.79
1.68 + j0.33
1.00 – j1.73
1300
58.62
728
59.62
18.89
1.12 + j0.12
57.56
570
71.85
20.53
1.54 + j0.94
58.41
693
67.11
19.98
1.22 + j0.44
4.43 – j1.20
1400
58.55
716
59.68
19.65
1.00 + j0.21
57.35
543
70.39
20.18
1.38 + j0.85
58.27
671
65.89
20.23
1.15 + j0.45
2.35 + j0.66



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com