Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTVA126001EC-V1-R2 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTVA126001EC-V1-R2
Description  Thermally-Enhanced High Power RF GaN HEMT 600 W, 50 V, DC – 1.4 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA126001EC-V1-R2 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTVA126001EC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. P06, 2020-03-10
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. P06, 2020-03-10
6
GTVA126001EC/FC
Package Outline Specifications
Package H-36248-2
19.431 ±0.510
[.765±0.020]
CL
34.036
[1.340]
19.812±0.200
[.780±0.008]
1.016
[.040]
3.632±0.380
[.143±0.015]
SPH 1.575
[0.062]
H-36248-2_po_01.1_03-29-2013
45° X 2.720
2X 12.700
[.500]
4.826±0.510
[.190±0.020]
27.940
[1.100]
4X R1.524
[R.060]
2X R1.626
[R.064]
D
G
S
FLANGE 9.779
[.385]
CL
[.370
]
+0.004
–0.006
LID 9.398 +0.100
–0.150
CL
[45° X .107]
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: D – drain; G – gate; S – source.
5. Lead thickness: 0.10 + 0.051/-0.025 mm [.004 +0.002/-0.001 inch].
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch].
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994
2. Primary dimensions are mm; alternate dimensions are inches
3. All tolerances ± 0.127 [0.005]
4. Pins: D – drain, G – gate, S – source
5. Lead thickness: 0.10 +0.051/–0.025 mm [0.004 +0.002/–0.001 inch]
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com