Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTVA212701FA-V2-R0 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTVA212701FA-V2-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA212701FA-V2-R0 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTVA212701FA-V2-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GTVA212701FA
6
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
In
C101
Capacitor, 2 pF
ATC
ATC800A2R0BT250XT
C102, C104, C105, C106
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C103
Capacitor, 0.2 pF
ATC
ATC800A0R2BT250XT
C107
Capacitor, 15 pF
ATC
ATC800A150GT250XT
C108
Capacitor, 12 pF
ATC
ATC800A120JT250XT
C109, C110
Capacitor, 24 pF
ATC
ATC800A240JT250XT
R101, R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R103
Resistor, 10 ohms
Yageo
RC0805JR-0710RL
Out
C201
Capacitor, 1.5 pF
ATC
ATC600S1R5CT250XT
C202, C210
Capacitor, 0.5 pF
ATC
ATC600S0R5CT250XT
C203
Capacitor, 1.0 pF
ATC
ATC600S1R0CT250XT
C204
Capacitor, 6.8 pF
ATC
ATC800A6R8CT250XT
S
G
D
H-37265J-2_03_pd_20 16-12-01-bn
Pin
Description
D
Drain
G
Gate
S
Source (flange)
Pinout Diagram (top view)
Bias Sequencing
Bias On
1. Ensure RF is turned off
2. Apply pinch-off voltage of –5 V to the gate
3. Apply nominal drain voltage
4. Bias gate to desired quiescent drain current
5. Apply RF
Bias Off
1. Turn RF off
2. Apply pinch-off voltage to the gate
3. Turn-off drain voltage
4. Turn-off gate voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com