Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTVA212701FA-V2-R0 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # GTVA212701FA-V2-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA212701FA-V2-R0 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  GTVA212701FA-V2-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA212701FA-V2-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
GTVA212701FA
7
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Package Outline Specifications – Package H-87265J-2
CL
L
C
D
G
6.35
[.250]
LID
10.16±.25
[.400±.010]
45° X .64
[.025]
2.59±.51
[.102±.020]
10.16±.25
[.400±.010]
SPH 1.57
[.062]
1.02
[.040]
S
(15.34
[.604])
3.63±.38
[.143±.015]
H-87265J-2_po-03_03-03-2017-bn
FLANGE
R0.63
[R.025] MAX
FLANGE
10.16 ± 0.191
[.400 ± .0075]
10.16 ± 0.191
[.400 ± .0075]
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994
2. Primary dimensions are mm; alternate dimensions are inches
3. All tolerances ± 0.127 [.005]
4. Pins: D – drain; G – gate; S – source
5. Lead thickness: 0.13 ± 0.05 mm [.005 ± .002 inch]
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com