Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC2T45GS Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74AVC2T45GS
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T45GS Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74AVC2T45GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Nexperia
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Table 12. Dynamic characteristics for temperature range -40 °C to +85 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 8; for waveforms see Fig. 6 and Fig. 7.
VCC(B)
1.2 V
± 0.1 V
1.5 V
± 0.1 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
Symbol Parameter Conditions
Min Max Min Max Min Max Min Max Min Max
Unit
A to B
[1]
VCC(A) = 1.1 V to 1.3 V
1.0
9.0
0.7
6.8
0.6
6.1
0.5
5.7
0.5
6.1 ns
VCC(A) = 1.4 V to 1.6 V
1.0
8.0
0.7
5.4
0.6
4.6
0.5
3.7
0.5
3.5 ns
VCC(A) = 1.65 V to 1.95 V 1.0 7.7 0.6 5.1 0.5 4.3 0.5 3.4 0.5 3.1 ns
VCC(A) = 2.3 V to 2.7 V
1.0
7.2
0.5
4.7
0.5
3.9
0.5
3.0
0.5
2.6 ns
VCC(A) = 3.0 V to 3.6 V
1.0
7.1
0.5
4.5
0.5
3.7
0.5
2.8
0.5
2.4 ns
B to A
[1]
VCC(A) = 1.1 V to 1.3 V
1.0
9.0
0.8
8.0
0.7
7.7
0.6
7.2
0.5
7.1 ns
VCC(A) = 1.4 V to 1.6 V
1.0
6.8
0.8
5.4
0.7
5.1
0.6
4.7
0.5
4.5 ns
VCC(A) = 1.65 V to 1.95 V 1.0 6.1 0.7 4.6 0.5 4.4 0.5 3.9 0.5 3.7 ns
VCC(A) = 2.3 V to 2.7 V
1.0
5.7
0.6
3.8
0.5
3.4
0.5
3.0
0.5
2.8 ns
tpd
propagation
delay
VCC(A) = 3.0 V to 3.6 V
1.0
6.1
0.6
3.6
0.5
3.1
0.5
2.6
0.5
2.4 ns
DIR to A
[2]
VCC(A) = 1.1 V to 1.3 V
2.2
8.8
2.2
8.8
2.2
8.8
2.2
8.8
2.2
8.8 ns
VCC(A) = 1.4 V to 1.6 V
1.6
6.3
1.6
6.3
1.6
6.3
1.6
6.3
1.6
6.3 ns
VCC(A) = 1.65 V to 1.95 V 1.6 5.5 1.6 5.5 1.6 5.5 1.6 5.5 1.6 5.5 ns
VCC(A) = 2.3 V to 2.7 V
1.5
4.2
1.5
4.2
1.5
4.2
1.5
4.2
1.5
4.2 ns
VCC(A) = 3.0 V to 3.6 V
1.5
4.7
1.5
4.7
1.5
4.7
1.5
4.7
1.5
4.7 ns
DIR to B
[2]
VCC(A) = 1.1 V to 1.3 V
2.2
8.4
1.8
6.7
2.0
6.9
1.7
6.2
2.4
7.2 ns
VCC(A) = 1.4 V to 1.6 V
2.0
7.6
1.8
5.9
1.6
6.0
1.2
4.8
1.7
5.5 ns
VCC(A) = 1.65 V to 1.95 V 1.8 7.7 1.8 5.7 1.4 5.8 1.0 4.5 1.5 5.2 ns
VCC(A) = 2.3 V to 2.7 V
1.7
7.3
2.0
5.2
1.5
5.1
0.6
4.2
1.1
4.8 ns
tdis
disable time
VCC(A) = 3.0 V to 3.6 V
1.7
7.2
0.7
5.5
0.6
5.5
0.7
4.1
1.7
4.7 ns
DIR to A
[3][4]
VCC(A) = 1.1 V to 1.3 V
-
17.4
-
14.7
-
14.6
-
13.4
-
14.3 ns
VCC(A) = 1.4 V to 1.6 V
-
14.4
-
11.3
-
11.1
-
9.5
-
10.0 ns
VCC(A) = 1.65 V to 1.95 V
-
13.8
-
10.3
-
10.2
-
8.4
-
8.9 ns
VCC(A) = 2.3 V to 2.7 V
-
13.0
-
9.0
-
8.5
-
7.2
-
7.6 ns
VCC(A) = 3.0 V to 3.6 V
-
13.3
-
9.1
-
8.6
-
6.7
-
7.1 ns
DIR to B
[3][4]
VCC(A) = 1.1 V to 1.3 V
-
17.8
-
15.6
-
14.9
-
14.5
-
14.9 ns
VCC(A) = 1.4 V to 1.6 V
-
14.3
-
11.7
-
10.9
-
10.0
-
9.8 ns
VCC(A) = 1.65 V to 1.95 V
-
13.2
-
10.6
-
9.8
-
8.9
-
8.6 ns
VCC(A) = 2.3 V to 2.7 V
-
11.4
-
8.9
-
8.1
-
7.2
-
6.8 ns
ten
enable time
VCC(A) = 3.0 V to 3.6 V
-
11.8
-
9.2
-
8.4
-
7.5
-
7.1 ns
[1] tpd is the same as tPLH and tPHL
[2] tdis is the same as tPLZ and tPHZ
[3] ten is the same as tPZL and tPZH
[4] ten is a calculated value using the formula shown in Section 12.4
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 10 — 4 November 2021
9 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com