Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC2T45GS Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74AVC2T45GS
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T45GS Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74AVC2T45GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Nexperia
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Test data is given in Table 15.
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance.
VEXT = External voltage for measuring switching times.
Fig. 8. Test circuit for measuring switching times
Table 15. Test data
Supply voltage
Input
Load
VEXT
VCC(A), VCC(B)
VI [1]
Δt/ΔV [2]
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ [3]
1.1 V to 1.6 V
VCCI
≤ 1.0 ns/V
15 pF
2 kΩ
open
GND
2VCCO
1.65 V to 2.7 V
VCCI
≤ 1.0 ns/V
15 pF
2 kΩ
open
GND
2VCCO
3.0 V to 3.6 V
VCCI
≤ 1.0 ns/V
15 pF
2 kΩ
open
GND
2VCCO
[1] VCCI is the supply voltage associated with the data input port.
[2] dV/dt ≥ 1.0 V/ns
[3] VCCO is the supply voltage associated with the output port.
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 10 — 4 November 2021
12 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com