Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVA082407NF-V2-R5 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTVA082407NF-V2-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 – 821 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA082407NF-V2-R5 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTVA082407NF-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PTVA082407NF
4
Rev. 04.1, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. CW Performance at various V
DD
Figure 6. CW Performance Small Signal
Gain & Input Return Loss
0
10
20
30
40
50
18
19
20
21
22
23
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ = 900 mA, ƒ = 755 MHz
44 V
48 V
52 V
ptva082407nf_g6
Gain
Efficiency
-16
-14
-12
-10
-8
-6
-4
16
17
18
19
20
21
22
675
725
775
825
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ = 900 mA
IRL
Gain
ptva082407nf_g7
0
10
20
30
40
50
18
19
20
21
22
23
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ = 900 mA, ƒ = 755 MHz
44 V
48 V
52 V
ptva082407nf_g6
Gain
Efficiency
-16
-14
-12
-10
-8
-6
-4
16
17
18
19
20
21
22
675
725
775
825
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ = 900 mA
IRL
Gain
ptva082407nf_g7
Load Pull Performance
Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 500 mA
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
1dB
[dBm]
P
1dB [W]
hD [%]
740
0.76 – j2.72
1.85 – j0
21.29
55.11
324.3
61.1
3.12 + j1.74
23.18
53.18
208.0
71.0
760
1.03 – j2.98
1.6 – j0
21.26
55.38
345.1
59.5
2.67 + j1.87
23.42
53.05
201.8
71.2
820
3.27 – j2.56
1.63 – j0.26
21.95
54.76
299.2
57.0
2.42 + j1.49
24.13
52.91
195.4
68.6
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
740
0.76 – j2.72
1.83 – j0.45
19.09
55.73
374.1
60.3
2.81 + j1.11
20.82
54.47
279.9
71.7
760
1.03 – j2.98
1.64 – j0.06
19.29
55.98
396.3
61.4
2.49 + j1.36
21.10
54.20
263.0
71.5
820
3.27 – j2.56
1.65 – j0.41
19.85
55.49
354.0
58.6
2.36 + j1.16
21.91
53.94
247.7
69.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com