Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVA082407NF-V2-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTVA082407NF-V2-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 – 821 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA082407NF-V2-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTVA082407NF-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA082407NF-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 04.1, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTVA082407NF
Package Types: PG-HBSOF-4-2
Features
• Broadband internal input matching
• Typical CW performance, 755 MHz, 48 V
- Output power at P
1dB = 225 W
- Output power at P
3dB = 250 W
- Gain = 20.5 dB
- Efficiency = 43%
• Capable of handling 10:1 VSWR @ 48 V, 80 W CW
output power
• Integrated ESD protection
• Human Body Model class 2 (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF LDMOS FET
240 W, 48 V, 746 – 821 MHz
Description
The PTVA082407NF is a 240-watt LDMOS FET manufactured with Wolfspeed’s 48-V
LDMOS process. It is designed for use in multi-standard cellular power amplifier
applications. It features a single ended design and input matching that allow for
use from 746 MHz to 821 MHz. Manufactured with Wolfspeed’s advanced LDMOS
process, this device provides excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed production test fixture)
V
DD = 48 V, IDQ = 900 mA, POUT = 80 W avg, ƒ = 755 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Linear Gain
G
ps
21
22.5
—
dB
Drain Efficiency
h
D
33
35.5
—
%
Adjacent Channel Power Ratio
ACPR
—
–31.5
–29.5
dBc
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ = 900 mA, ƒ = 755 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
ptva082407nf_g1


Similar Part No. - PTVA082407NF-V2-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA082407NF INFINEON-PTVA082407NF Datasheet
453Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
Rev. 02.5, 2017-07-18
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
More results

Similar Description - PTVA082407NF-V2-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB082817FH INFINEON-PTFB082817FH Datasheet
667Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 30 V, 791-821 MHz
Rev. 02, 2010-12-13
PTRA094252FC INFINEON-PTRA094252FC Datasheet
400Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
Rev. 04.2, 2017-12-08
PTVA082407NF INFINEON-PTVA082407NF Datasheet
453Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
Rev. 02.5, 2017-07-18
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
logo
Cree, Inc
PTRA094252FC CREE-PTRA094252FC Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 208 W, 48 V, 746 ??960 MHz
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTRA084808NF WOLFSPEED-PTRA084808NF Datasheet
881Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
Rev. 03.4, 2022-1-27
PTVA092407NF WOLFSPEED-PTVA092407NF Datasheet
708Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 – 960 MHz
Rev. 03.2, 2022-02-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com