Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVA102001EA-V1-R0 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTVA102001EA-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA102001EA-V1-R0 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button PTVA102001EA-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 10Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 11Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
PTVA102001EA
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
-12
-11
-10
-9
-8
-7
0.01
0.03
0.05
0.07
0.09
0.11
1025
1050
1075
1100
Frequency (MHz)
Pulsed RF Performance
VDD = 50 V, IDQ = 100 mA, POUT = 205 W,
300µs pulse width, 10% duty cycle
IRL
Power Droop
a102001ea_300us_g4
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
39
41
43
45
47
49
51
53
55
Output Power (dBm)
CW Performance
VDD = 50 V, IDQ = 100 mA
1030MHz Gain
1090MHz Gain
1030MHz Eff
1090MHz Eff
a102001ea_cw_g1
20
30
40
50
60
70
80
10
12
14
16
18
20
22
42
44
46
48
50
52
54
56
Output Power (dBm)
Pulse CW Performance at Various VDD
300µs pulse width, 10% duty cycle,
IDQ = 100mA, ƒ=1030 MHz
36V Gain
40V Gain
45V Gain
50V Gain
36V Eff
40V Eff
45V Eff
Efficiency
Gain
a102001ea_cw_g2
Typical RF Performance (cont.)
-25
-20
-15
-10
-5
0
5
5
8
10
13
15
18
20
900
1000
1100
1200
Frequency (MHz)
Small Signal CW Performance
Gain & Input Return Loss
VDD = 50 V, IDQ = 100 mA
IRL
Gain
a102001ea_cw_g3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com