Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVA102001EA-V1-R0 Datasheet(PDF) 9 Page - WOLFSPEED, INC.

Part # PTVA102001EA-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA102001EA-V1-R0 Datasheet(HTML) 9 Page - WOLFSPEED, INC.

Back Button PTVA102001EA-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 10Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 11Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 12Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 13Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
PTVA102001EA
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Pulsed CW signal: 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, IDQ = 90 mA
P3dB
Z Optimized
Freq
[MHz]
ZlN
[W]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff [%]
ZOUT
[W]
960
0.97 – j4.50
54.51
282
17.55
67.5
1.94 + j0.54
1030
1.25 – j5.26
54.18
262
16.79
65.1
1.85 + j0.51
1090
1.80 – j5.85
54.17
261
16.54
65.3
1.71 + j0.28
1150
2.37 – j7.11
54.12
258
16.28
63.9
1.65 + j0.04
1200
2.51 – j6.97
53.78
239
16.23
62.9
1.48 + j0.06
1300
4.92 – j7.48
53.99
251
15.79
62.3
1.54 – j0.32
1400
10.54 – j3.45
53.89
245
15.34
62.0
1.07 – j0.84
1500
7.87 – j0.31
53.86
243
14.71
59.5
1.22 – j1.43
1600
3.97 – j1.99
53.71
235
14.09
57.5
1.05 – j1.82
Load Pull Performance (cont.)
See next page for reference circuit information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com