Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIMC32 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PIMC32
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PIMC32 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMC32 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Nexperia
PIMC32
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
aaa-012448
IC (mA)
1
103
102
10
10-1
VCEsat
(V)
10-2
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 7. TR1 (NPN): Collector-emitter saturation voltage
as a function of collector current; typical values
VCB (V)
0
50
40
20
30
10
aaa-012439
10
15
5
20
25
Cc
(pF)
0
f = 1 MHz
Tamb = 25 °C
Fig. 8. TR1 (NPN): Collector capacitance as a function
of collector-base voltage; typical values
aaa-012066
102
10
103
fT
(MHz)
1
IC (mA)
10-1
103
102
1
10
f = 100 MHz
Tamb = 25 °C
VCE = 5 V
Fig. 9. TR1 (NPN): Transition frequency as a function
of collector current; typical values of built-in
transistor
006aaa357
10
102
103
hFE
1
IC (mA)
- 10- 1
- 103
- 102
- 1
- 10
(1)
(2)
(3)
VCE = -5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig. 10. TR2 (PNP): DC current gain as a function of
collector current; typical values
PIMC32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
16 February 2022
6 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com