Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-56VC Datasheet(PDF) 1 Page - Rohm

Part # SLR-56VC
Description  phi5.0(T-1 3/4) Circular Type Standard Type Angle 2theta1/2 : 40degree>
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-56VC Datasheet(HTML) 1 Page - Rohm

  SLR-56VC Datasheet HTML 1Page - Rohm SLR-56VC Datasheet HTML 2Page - Rohm SLR-56VC Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Emitting Color
Material
Emitting Surface
Dimension(mm)
Part No.
1.0
2.0
2.5 or 5.0
±0.1
Recommended Pad Layout
Packaging Specifications (Unit:mm)
Tape Specifications
Packaging
Tape:2000pcs/Box
Bulk(3F):1000pcs/Box
Straight Type:T32
Formed Lead Type
70
100
170
Forming H1 Dimensions(mm)
TE7
15.4
TF7
16.4
TB7
12.4
240
52
340
6.35
±0.4
0
±1.0
0
±2.0
12.7
±1.0
φ4.0±0.2
φ5.0±0.2
12.7
±0.3
3.85
±0.8
5.0
±0.8
(2.5)
12.7
±1.0 6.35±0.4
0
±1.0
φ4.0±0.2
2.5
±0.8
5.1
±0.8
12.7
±0.3
φ5.0±0.2
0
±2.0
Directivity (Typ.)
Dimensions (Unit:mm)
Tolerance:
±0.2
0
50
100
50
100
RELATIVE LUMINOUS INTENSITY (%)
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Absolute Maximum Ratings (Ta=25
∞C)
Electrical Optical Characteristics (Ta=25
∞C)
:Duty 1/ 5, pulse width 1ms.
diffused
clear
5.5
±0.3
φ5.0
(2.5)
CATHODE
SLR-56MC
SLR-56YY
SLR-56MG
SLR-56DC
60
20
60
3
-30 to +100
-25 to +85
SLR-56YC
SLR-56DU
SLR-56VC
SLR-56VR
75
25
SLR-56MC
SLR-56MG
SLR-56YC
SLR-56YY
SLR-56DC
SLR-56DU
SLR-56VC
SLR-56VR
10
10
3
14
9.0
25
5.6
10
9.0
25
40
9.0
25
5.6
16
3.6
10
3.6
10
40
10
10
2.1
2.0
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
VR
(V)
∆λ
563
585
610
650
(Unit:mm)
Angular Displacement (deg)
Yellow
Orange
Red
2
− 0.5±0.1
4
−0.6+0.2
−0.1
φ5.0(T-1 3/4) Circular Type
Standard Type <Viewing Angle 2
θ1/2 : 40°>
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Storage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
Green
(Yellowish Green)
Transparent
Colored
Diffused
Colored
Transparent
Colored
Diffused
Colored
Transparent
Colored
Diffused
Colored
Transparent
Colored
Diffused
Colored
Green(Yellowish Green)
Yellow
Orange
Red
SLR-56 Series
SLR-56MC
SLR-56MG
SLR-56YC
SLR-56YY
SLR-56DC
SLR-56DU
SLR-56VC
SLR-56VR
GaP
GaAsP on GaP
φ5.0
Rev.C


Similar Part No. - SLR-56VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56VC ROHM-SLR-56VC Datasheet
899Kb / 4P
SLR-56 Series
SLR-56VC ROHM-SLR-56VC Datasheet
899Kb / 4P
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
SLR-56VC ROHM-SLR-56VC Datasheet
899Kb / 4P
Viewing angle 2 1/2 : 40
SLR-56VC ROHM-SLR-56VC Datasheet
899Kb / 4P
Viewing angle 20 1/2 40
SLR-56VC ROHM-SLR-56VC Datasheet
1Mb / 8P
Viewing angle 20 1/2 40
More results

Similar Description - SLR-56VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-332 ROHM-SLR-332 Datasheet
158Kb / 3P
3.2(T-1) Circular Type Standard Type (Viewing Angle 21/2 : 85)
SLR-342 ROHM-SLR-342 Datasheet
130Kb / 3P
3.1(T-1) Circular Type Standard Type
SLA560WB ROHM-SLA560WB Datasheet
97Kb / 2P
?5.0(T-1 3/4) Circular Type Standard Type
SLR343 ROHM-SLR343_1 Datasheet
117Kb / 3P
?3.1(T-1) Circular Type High Brightness Type
SLI-343P8C ROHM-SLI-343P8C Datasheet
185Kb / 5P
3.1(T-1) Circular Type Standard Type
SLA560WBD2PT ROHM-SLA560WBD2PT Datasheet
182Kb / 2P
5.0(T-1 3/4) Circular Type High Brightness Type
SLA580BC4T ROHM-SLA580BC4T Datasheet
161Kb / 3P
5.0(T-1 3/4) Circular Type High Brightness Type
SLR343WBC7T ROHM-SLR343WBC7T Datasheet
94Kb / 2P
3.1(T-1) Circular Type Standard Type
SLR-342VC3FQ ROHM-SLR-342VC3FQ Datasheet
123Kb / 3P
?3.1(T-1) Circular Type Standard Type
SLI-343URC3FWT ROHM-SLI-343URC3FWT Datasheet
132Kb / 3P
3.1(T-1) Circular Type High Brightness Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com