Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2167 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2167
Description  ADPCM Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2167 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2167 Datasheet HTML 4Page - Dallas Semiconductor DS2167 Datasheet HTML 5Page - Dallas Semiconductor DS2167 Datasheet HTML 6Page - Dallas Semiconductor DS2167 Datasheet HTML 7Page - Dallas Semiconductor DS2167 Datasheet HTML 8Page - Dallas Semiconductor DS2167 Datasheet HTML 9Page - Dallas Semiconductor DS2167 Datasheet HTML 10Page - Dallas Semiconductor DS2167 Datasheet HTML 11Page - Dallas Semiconductor DS2167 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DS2167/DS2168
022698 8/15
OUTPUT TIMESLOT REGISTER Figure 6
(MSB)
(LSB)
D5
D4
D3
D2
D1
D0
SYMBOL
POSITION
NAME AND DESCRIPTION
OTR.7
Reserved, must be 0 for proper operation.
OTR.6
Reserved, must be 0 for proper operation.
D5
OTR.5
MSB of output timeslot word.
D4
OTR.4
D3
OTR.3
D2
OTR.2
D1
OTR.1
D0
OTR.0
LSB of output timeslot word.
PCM I/O TIMING (1.544 MHz BACKPLANE) Figure 7
XOUT,
YOUT
FSX,
FSY
193
193
TIMESLOT 0
TIMESLOT N
TIMESLOT 23
MSB
LSB
CLKX,
CLKY
XIN,
YIN
ADPCM I/O TIMING (1.544 MHz BACKPLANE) Figure 8
XOUT,
YOUT
FSX,
FSY
193
193
TIMESLOT
MSB
LSB
CLKX,
CLKY
XIN,
YIN
0
1
N
45
46
47
TIMESLOT
TIMESLOT
TIMESLOT
TIMESLOT
TIMESLOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com