Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB5433-Q Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LB5433-Q
Description  Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB5433-Q Datasheet(HTML) 2 Page - OSRAM GmbH

  LB5433-Q Datasheet HTML 1Page - OSRAM GmbH LB5433-Q Datasheet HTML 2Page - OSRAM GmbH LB5433-Q Datasheet HTML 3Page - OSRAM GmbH LB5433-Q Datasheet HTML 4Page - OSRAM GmbH LB5433-Q Datasheet HTML 5Page - OSRAM GmbH LB5433-Q Datasheet HTML 6Page - OSRAM GmbH LB5433-Q Datasheet HTML 7Page - OSRAM GmbH LB5433-Q Datasheet HTML 8Page - OSRAM GmbH LB5433-Q Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2001-01-22
2
LB 5433, LV 5433, LT 5433
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 %
ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ±11 %.
Typ
Type
Emissions-
farbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 20 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LB 5433-QS
LB 5433-SU
LB 5433-Q
LB 5433-R
LB 5433-S
LB 5433-T
LB 5433-U
blue
colorless clear
71 ... 280
180 ... 710
71 ... 112
112 ... 180
180 ... 280
280 ... 450
450 ... 710
120 (typ.)
300 (typ.)
60 (typ.)
90 (typ.)
150 (typ.)
230 (typ.)
380 (typ.)
Q62703-Q4843
LV 5433-TV
LV 5433-VBW
LV 5433-T
LV 5433-U
LV 5433-V
LV 5433-AW
LV 5433-BW
verde
colorless clear
280 ... 1120
710 ... 2800
280 ... 450
450 ... 710
710 ... 1120
1120 ... 1800
1800 ... 2800
470 (typ.)
1000 (typ.)
230 (typ.)
380 (typ.)
590 (typ.)
940 (typ.)
1500 (typ.)
Q62703-Q4850
LT 5433-TV
LT 5433-VBW
LT 5433-T
LT 5433-U
LT 5433-V
LT 5433-AW
LT 5433-BW
true green
colorless clear
280 ... 1120
710 ... 2800
280 ... 450
450 ... 710
710 ... 1120
1120 ... 1800
1800 ... 2800
470 (typ.)
1000 (typ.)
230 (typ.)
380 (typ.)
590 (typ.)
940 (typ.)
1500 (typ.)
Q62703-Q4857



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com