Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB5433-Q Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LB5433-Q
Description  Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB5433-Q Datasheet(HTML) 3 Page - OSRAM GmbH

  LB5433-Q Datasheet HTML 1Page - OSRAM GmbH LB5433-Q Datasheet HTML 2Page - OSRAM GmbH LB5433-Q Datasheet HTML 3Page - OSRAM GmbH LB5433-Q Datasheet HTML 4Page - OSRAM GmbH LB5433-Q Datasheet HTML 5Page - OSRAM GmbH LB5433-Q Datasheet HTML 6Page - OSRAM GmbH LB5433-Q Datasheet HTML 7Page - OSRAM GmbH LB5433-Q Datasheet HTML 8Page - OSRAM GmbH LB5433-Q Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LB 5433, LV 5433, LT 5433
2001-01-22
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
LB
LV, LT
Betriebstemperatur
Operating temperature range
T
op
– 55 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 55 … + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
°C
Durchlassstrom
Forward current
I
F
20
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
200
250
mA
Sperrspannung
Reverse voltage
V
R
5V
Leistungsaufnahme
Power dissipation
T
A ≤ 25 °C
P
tot
85
mW
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung
Junction/ambient
Sperrschicht/Lötpad
Junction/solder point
Montage auf PC-Board FR 4 (Padgröße
≥ 16 mm2)
mounted on PC board FR 4 (pad size
≥ 16 mm 2)
Minimale Beinchenlänge
Minimum lead length
R
th JA
R
th JS
400
180
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com