Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8024G Datasheet(PDF) 23 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 23 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 19Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 20Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 21Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 22Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 23Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 24Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 25Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 26Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 27Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
E L E C T R O N I C S I N C .
4-Port 10Base-T Interface Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for LSI L64381 Chip
• Robust construction allows for solder reflow processes
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
Schematic
EPE6243S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6243S
Rev. 1
5/6/03
• Optimized design to give 3 nS Group Delay Difference over 5 MHz-10 MHz • † Resistor Network Included •
Common Mode
Rejection
(dB Min.)
Insertion
Loss †
(dB Max.)
1-10 MHz
-6/-6.5
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-16/-11
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-30/-38
@ 200 MHz
Xmit/Rcv
-25/-27
@ 30 MHz
-27/-16
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0/± 1.5
17/19.5
Xmit/Rcv
@ 50 MHz
Xmit/Rcv
-40/-30
Crosstalk
(dB Min.)
-30/-30
1-10 MHz
Xmit/Rcv
Attenuation
(dB Min.)
@ 20 MHz
-8/-6
Xmit/Rcv
@ 5 MHz
-50/-32
Xmit/Rcv
@ 10 MHz
Xmit/Rcv
-45/-30
.050
(1.27)
(46 Plcs)
1.00
25.40)
.750
(19.05)
1.00
25.40)
1.150
(29.21)
PCA
EPE6243S
Date Code
C
L
C
L
.750
(19.05)
.080
(2.03)
.400
(10.16)
1.100
(27.94)
.050
(1.27)
.025
(.635)
1.100
(27.94)
50
35
10
1
34
26
.075
(1.91)
3.25
(8.26)
.090
(2.29)
.033/.020
(.076/.508)
.275
(6.99)
.045
(1.43)
.008/.012
(.230/.305)
1.150
(29.21)
0°-8°
Transmit Channel
LPF
390
Ω
63
Ω
390
Ω
63
Ω
1:1
50,46,
42,38
49,45,
41,37
10,14,
20,24
11,15,
21,25
9,13,
19,23
12,16,
22,26
17,18
X Gnd
TXP+
TXP-
TXD+
TXD-
TX-
TX+
Receive Channel
49.9
Ω
LPF
49.9
Ω
1:1
48,44,
40,36
47,43,
39,35
5,8,
27,30
4,7,
29,32
3,6,
28,31
1,2,
33,34
R Gnd
RX+
RX-
RXD-
RXD+
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com