Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8024G Datasheet(PDF) 14 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 14 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 10Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 11Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 12Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 13Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 14Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 15Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 16Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 17Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 18Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
E L E C T R O N I C S I N C .
10 Base-T Multiport Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for AMD Repeater Chips
• Low Crosstalk enhances network reliability
• Robust construction allows for IR/VP processes
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
Schematic
EPE6117
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6117
Rev. Orig
5/6/03
•
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-18/-11
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-30/-30
@ 30 MHz
-30/-18
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0 MHz
17/17
Xmit/Rcv
@ 50 MHz
Xmit/Rcv
-30/-30
Crosstalk
(dB Min.)
-35/-35
1-10 MHz
Xmit/Rcv
Attenuation
(dB Min.)
@ 20 MHz
-7/-5
Xmit/Rcv
@ 40 MHz
-35/-26
Xmit/Rcv
8
24
12
3
4
62
60
Xmit
67
5
58
56
Rcv
13 14
15
12
50
48
Xmit
910
11
54
52
Rcv
18 19 20
17
46
44
Xmit
21
22
23
42
40
Rcv
29 30
31
28
34
32
Xmit
25
27
26
38
36
Rcv
LPF
LPF
LPF
LPF
LPF
LPF
LPF
LPF
49.9
Ω 49.9Ω
49.9
Ω 49.9Ω
49.9
Ω 49.9Ω
49.9
Ω 49.9Ω
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1.2K
1.2K
1.2K
1.2K
1.100
(27.94)
.075
(1.91)
See Detail AA
.010
(.254)
.110
(2.79)
.125/.150
(3.18/3.81)
I
DETAIL
AA
1.500
(38.10)
.390
(9.91)
.095
(2.41)
1.690
(42.93)
1.015/1.025
(25.78/26.04)
.100
(2.54)
.050
(1.27)
.016/.020
(.406/.508)
PCA
EPE6117
Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com