Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC5318 Datasheet(PDF) 13 Page - Texas Instruments

Part # GC5318
Description  HIGH-DENSITY DIGITAL UPCONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5318 Datasheet(HTML) 13 Page - Texas Instruments

Back Button GC5318 Datasheet HTML 9Page - Texas Instruments GC5318 Datasheet HTML 10Page - Texas Instruments GC5318 Datasheet HTML 11Page - Texas Instruments GC5318 Datasheet HTML 12Page - Texas Instruments GC5318 Datasheet HTML 13Page - Texas Instruments GC5318 Datasheet HTML 14Page - Texas Instruments GC5318 Datasheet HTML 15Page - Texas Instruments GC5318 Datasheet HTML 16Page - Texas Instruments GC5318 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
www.ti.com
GC5318
HIGH-DENSITY DIGITAL UPCONVERTER
SLWS187 – JULY 2006
Table 2-7. Programming
VARIABLE
DESCRIPTION
crastsrttap_pfir(4:0)
Number of DUC PFIR filter taps is (2 x crastarttap) + 1
cdma_mode
When set, puts the CFIR and PFIR blocks in CDMA2000 mode.
symmetric_pfir
Set to '1' if filter is symmetric. This value saves a modest amount of power.
The 18-bit PFIR filter coefficients are loaded by the software cmd5318. The user must provide a coefficient file
with one integer coefficient per line. Note that the PFIR filter coefficients are shared by the A and B signals in
CDMA mode.
2.1.5.2 Compensating FIR Filter
The CFIR filter interpolates by a fixed factor of two and is usually programmed to compensate for the CIC
filter roll-off.
The CFIR filter length is programmable. This programmable length permits turning off taps and saving
power if short filters are appropriate. The maximum CFIR filter length is a function of GC5318 clock rate
and input sample rate and is limited by the number of coefficient memory registers. The number of CFIR
taps in CDMA mode is 31 to 47, while in UMTS mode it is 15 to 31. In both cases, the number of taps is
one less than a multiple of four (31, 35, ... 59, 63).
Subject to the above minimum, maximum, and increment values, the maximum number of taps available
is:
• UMTS Mode: txclk × input sample rate
• CDMA Mode: 0.5 x (txclk × input sample rate)
For example, a txclk of 122.88 MHz in UMTS mode (at 3.84 MSPS) provides 31 taps, while CDMA
(1.2288 MSPS) mode provides 47 taps.
The CFIR coefficients are shared by the A and B signals in CDMA mode.
CFIR gain is:
Gain = sum(coefficients) x 2cfir_gain-19
Table 2-8. Programming
VARIABLE
DESCRIPTION
crastsrttap_cfir(4:0)
These bits define the number of taps that CFIR uses for the filtering. DUC CFIR: (2 x crastarttap_cfir) +1.
Note: crastarttap_cfir must be odd.
symmetric_cfir
Set to '1' if filter is symmetric. Saves a bit of power.
cfir_gain
CFIR gain adjustment.
The 18-bit PFIR filter coefficients are loaded by the software cmd5318. The user must provide a coefficient file with
one integer coefficient per line. Note that the PFIR filter coefficients are shared by the A and B signals in CDMA
mode.
GC5318 Operation
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com