Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC5318 Datasheet(PDF) 21 Page - Texas Instruments

Part # GC5318
Description  HIGH-DENSITY DIGITAL UPCONVERTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5318 Datasheet(HTML) 21 Page - Texas Instruments

Back Button GC5318 Datasheet HTML 17Page - Texas Instruments GC5318 Datasheet HTML 18Page - Texas Instruments GC5318 Datasheet HTML 19Page - Texas Instruments GC5318 Datasheet HTML 20Page - Texas Instruments GC5318 Datasheet HTML 21Page - Texas Instruments GC5318 Datasheet HTML 22Page - Texas Instruments GC5318 Datasheet HTML 23Page - Texas Instruments GC5318 Datasheet HTML 24Page - Texas Instruments GC5318 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
www.ti.com
2.2 Sum Chain Shifting and Rounding
GC5318
HIGH-DENSITY DIGITAL UPCONVERTER
SLWS187 – JULY 2006
Table 2-16. Programming
VARIABLE
DESCRIPTION
sumchn_sel_a(3:0)
Enable bits for signal A contribution to the four sum chain outputs.
Signal A Out
0000
Signal A added to no busses
0001
Signal A I/Q to bus0
0010
Signal A I/Q to bus1
0100
Signal A I/Q to bus2
1000
Signal A I/Q to bus3
Note: Signal A output can contribute to any combination of the four sumchain outputs. The above 4-bit code can
range from 0 to 15.
sumchn_sel_b(3:0)
Enable bits for signal B contribution to the four sum chains (only when in CDMA mode).
Signal B Out
0000
Signal B added to no busses
0001
Signal B I/Q to bus0
0010
Signal B I/Q to bus1
0100
Signal B I/Q to bus2
1000
Signal B I/Q to bus3
Note: Signal B output can contribute to any combination of the four sumchain outputs. The above 4-bit code can
range from 0 to 15.
Figure 2-16. Final Sum Chain Scale and Round Block
Summed data is scaled from 26 bits down to 18 bits, as shown in Figure 2-16. The desired 18 bits can be
taken anywhere over the 26-bit sum chain output window via a programmable register. These 18 bits can
range from sumchain(25:8) on the top end to sumchain(17:0) on the bottom end of the 26-bit output.
The scaled data is then saturated to 18, 16, 14, or 12 bits. Rounded data is MSB-justified with the bottom
bits zeroed. For example, 12-bit rounding would output data to the top 12 bits of the 18-bit word and the
bottom 6 bits would be zeroed.
Gain = 2interf_scale-5
GC5318 Operation
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com