Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3984Z Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS3984Z
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984Z Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS3984Z Datasheet HTML 1Page - Dallas Semiconductor DS3984Z Datasheet HTML 2Page - Dallas Semiconductor DS3984Z Datasheet HTML 3Page - Dallas Semiconductor DS3984Z Datasheet HTML 4Page - Dallas Semiconductor DS3984Z Datasheet HTML 5Page - Dallas Semiconductor DS3984Z Datasheet HTML 6Page - Dallas Semiconductor DS3984Z Datasheet HTML 7Page - Dallas Semiconductor DS3984Z Datasheet HTML 8Page - Dallas Semiconductor DS3984Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
_____________________________________________________________________
5
ACTIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
5.1
4.9
4.7
6
7
8
9
10
11
12
13
14
5
4.5
5.5
fLF:OSC = 71kHz
GATE QC = 3.5nC
DPWM = 100%
DPWM = 50%
DPWM = 10%
SVM = 0V
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
-15
35
10
9.5
10.0
10.5
11.0
12.0
11.5
12.5
13.0
13.5
14.0
9.0
-40
85
VCC = 5.5V
VCC = 5.0V
DPWM = 100%
fLF:OSC = 71kHz
GATE QC = 3.5nC
VCC = 4.5V
INTERNAL FREQUENCY CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
-3
-2
-1
0
1
2
3
4
-4
-40
85
LAMP FREQUENCY
DPWM FREQUENCY
TYPICAL OPERATION AT 12V
10
µs
5.0V GA
10
µs
5.0V GB
10
µs
2.0V LCM
10
µs
2.0V OVD
BURST DIMMING AT 150Hz AND 10%
1ms
5.0V GA
1ms
5.0V GB
1ms
2.0V LCM
1ms
2.0V OVD
TYPICAL OPERATION AT 15V
10
µs
5.0V GA
10
µs
5.0V GB
10
µs
2.0V LCM
10
µs
2.0V OVD
TYPICAL OPERATION AT 18V
10
µs
5.0V GA
10
µs
5.0V GB
10
µs
2.0V LCM
10
µs
2.0V OVD
TYPICAL STARTUP WITH SVM
2ms
2.0V SVM
2ms
5.0V GB
2ms
2.0V LCM
2ms
2.0V OVD
Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com