Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIRA030 Datasheet(PDF) 21 Page - ams AG

Part # MIRA030
Description  0.3MP Global Shutter CMOS Image Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

MIRA030 Datasheet(HTML) 21 Page - ams AG

Back Button MIRA030 Datasheet HTML 17Page - ams AG MIRA030 Datasheet HTML 18Page - ams AG MIRA030 Datasheet HTML 19Page - ams AG MIRA030 Datasheet HTML 20Page - ams AG MIRA030 Datasheet HTML 21Page - ams AG MIRA030 Datasheet HTML 22Page - ams AG MIRA030 Datasheet HTML 23Page - ams AG MIRA030 Datasheet HTML 24Page - ams AG MIRA030 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Document Feedback
Mira030
Functional Description
Datasheet
• PUBLIC
DS001021
• v2-00 • 2021-Sep-14
49
│ 20
Figure 20:
I2C Interface Timing
(1)
I2C interface timing is based on a 400 kHz mode.
(2)
The beginning of a rising edge and the end of a falling edge are at 10% of the amplitude of the signal. The end of a
rising edge and the beginning of a falling edge are at 90% of the amplitude of the signal.
Figure 21:
I2C Interface Timing Parameter
Symbol
Parameter
Min
Typical
Max
Unit
fI2C
Clock frequency
-
-
400
kHz
tlow
Clock low period
1.3
-
-
µs
thigh
Clock high period
0.6
-
-
µs
tsl2dov
SCL low to data out valid
0.1
-
0.9
µs
tbusft
Bus free time before new start
1.3
-
-
µs
tscht
Start condition hold time
0.6
-
-
µs
tscst0
Start condition setup time
0.6
-
-
µs
tdiht
Data in hold time
0
-
-
µs
tdist
Data in setup time
0.1
-
-
µs
tscst1
Stop condition setup time
0.6
-
-
µs
tf / tr
Ratio of fall time to rise time
-
-
1
tdoht
Data out hold time
0.05
-
-
µs
SCL
SDA(IN)
SDA(OUT)
tf
thigh
tr
tlow
tscst0
tscht
tdist
tscst1
tbusft
tsl2dov
tdoht
tdiht



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com