Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIRA030 Datasheet(PDF) 39 Page - ams AG

Part # MIRA030
Description  0.3MP Global Shutter CMOS Image Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

MIRA030 Datasheet(HTML) 39 Page - ams AG

Back Button MIRA030 Datasheet HTML 35Page - ams AG MIRA030 Datasheet HTML 36Page - ams AG MIRA030 Datasheet HTML 37Page - ams AG MIRA030 Datasheet HTML 38Page - ams AG MIRA030 Datasheet HTML 39Page - ams AG MIRA030 Datasheet HTML 40Page - ams AG MIRA030 Datasheet HTML 41Page - ams AG MIRA030 Datasheet HTML 42Page - ams AG MIRA030 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Document Feedback
Mira030
Sensor Operation
Datasheet
• PUBLIC
DS001021
• v2-00 • 2021-Sep-14
49
│ 38
Mira030 supports mirror mode and flip mode. Mirror mode reverses the sensor data readout order,
and flip mode vertically reverses the sensor readout order as shown in Figure 44. The register that
control these operation are shown in Figure 45.
Figure 44:
Mirror & Flip Examples
Figure 45:
Mirror & Flip Control Registers
Function
Address
Default Value
Description
Mirror
16’h3221
2’h3
Bit [2:1]: Mirror control
2’b00: mirror off
2’b11: mirror on
Flip
16’h3221
2’h3
Bit [6:5]: Flip control
2’b00: flip off
2’b11: flip on
8.6.2
Output Window
Figure 46:
Output Window Registers
Function
Address
Description
Window width
{16’h3208, 16’h3209}
Output window width
Window height
{16’h320a, 16’h320b}
Output window height
Column start
{16’h3210, 16’h3211}
Output window column start
Row start
{16’h3212, 16’h3213}
Output window row start
Original Picture
Mirror
Flip
Mirror and Flip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com