Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7779 Datasheet(PDF) 24 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 24 Page - ams AG

Back Button SFH7779 Datasheet HTML 20Page - ams AG SFH7779 Datasheet HTML 21Page - ams AG SFH7779 Datasheet HTML 22Page - ams AG SFH7779 Datasheet HTML 23Page - ams AG SFH7779 Datasheet HTML 24Page - ams AG SFH7779 Datasheet HTML 25Page - ams AG SFH7779 Datasheet HTML 26Page - ams AG SFH7779 Datasheet HTML 27Page - ams AG SFH7779 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
24 | Version 1.7 | 2023-05-24
ALS_PS_CONTROL register (0x42h)
ALS and PS Control of set the PS output mode, the ALS gain and the LED current. In the “Infrared DC level output” PS
mode (bit <6> = 1) the sensor measures the infrared DC ambient level. The proximity value of the reflected signal is not
available in this mode.
R/W-Register 0x42
Bit
7
6
5
4
3
2
1
0
Reserved (read only)
PS output
ALS Gain for ALS VIS and ALS IR
LED current
default
write 0
0 proximity output
0000
X1
X1
11 200mA
0 proximity output
0000
X1
X1
00 25 mA
1 Infrared DC level output
0100
X2
X1
01 50 mA
0101
X2
X2
10 100 mA
1010
X64
X64
11 200 mA
1110
X128
X64
1111
X128
X128
rest forbidden



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com