Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7779 Datasheet(PDF) 31 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 31 Page - ams AG

Back Button SFH7779 Datasheet HTML 27Page - ams AG SFH7779 Datasheet HTML 28Page - ams AG SFH7779 Datasheet HTML 29Page - ams AG SFH7779 Datasheet HTML 30Page - ams AG SFH7779 Datasheet HTML 31Page - ams AG SFH7779 Datasheet HTML 32Page - ams AG SFH7779 Datasheet HTML 33Page - ams AG SFH7779 Datasheet HTML 34Page - ams AG SFH7779 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
31 | Version 1.7 | 2023-05-24
INT modes
The Interrupt function compares ALS and PS measurement values with the current interrupt threshold level. PS and ALS
VIS Interrupt status is readable via register 0x4Ah or at the INT pin of the sensor.
The Interrupt persistence function is only valid for PS measurements and is defined in register (0x43h). The INT pin of the
SFH 7779 is open drain output and should be pulled up to VI/O by an external resistor. When VDD is supplied the INT pin
is high impedance (inactive). The INT status becomes inactive by writing INT reset command, reading the INT status
register or performing a software reset. The INT status stays in its last state when the sensor is set to the standby mode.
In the INT active state “low” the sensor consumes ~25µA extra current. Therefore OSRAM recommends to set the INT
state to high impedance before setting the sensor in standby mode.
Following ALS and PS INT modes are described for the unlatched mode. In latched mode the switching back to the
“inactive” INT state is depending on a interrupt reset or the read of the INT status register.
ALS INT mode:
The ALS VIS threshold levels high (register 0x4Fh & 0x50h) and low (register 0x4Fh & 0x50h) are only valid for the
ALS VIS measurement values. The ALS VIS INT mode is fixed and can not be adapted via register. The thresholds
define a window with following functionality:
ALS INT is active, if the ALS VIS measurement values are outside the window.
ALS INT is inactive, if the ALS VIS measurement results are inside the window.
PS INT Modes: Bit <5;4> of INTERRUPT_CONTROL register (0x4Ah)
00 PS_TH is only active:
The INT state is active it the PS measurement result is equal or higher than the set PS_TH high threshold.
The INT state is inactive, if the PS measurement result is lower than the set PS_TH high threshold.
01 PS_TH & PS_TL (PS high & low threshold) are active as hysteresis:
PS_TH and PS_TL are working as a hysteresis. If the PS measurement signal is higher than the PS high threshold
(PS_TH) the INT state is switched to active. If the PS measurement signal is lower than the PS low threshold
(PS_TL) the INT state is inactive. If once interrupt signal becomes active, INT status is kept active until
measurement result becomes less than PS_TL register value.
10 PS_TH & PS_TL (PS high & low threshold) are active as outside detection:
In case of “PS outside detection” mode interrupt signal inactive means that measurement result is within registered
threshold level and interrupt signal active means measurement result is out of registered threshold level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com