Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRT68F Datasheet(PDF) 11 Page - ams AG

Part # LRT68F
Description  First SMT LED with integrated reflector.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LRT68F Datasheet(HTML) 11 Page - ams AG

Back Button LRT68F Datasheet HTML 7Page - ams AG LRT68F Datasheet HTML 8Page - ams AG LRT68F Datasheet HTML 9Page - ams AG LRT68F Datasheet HTML 10Page - ams AG LRT68F Datasheet HTML 11Page - ams AG LRT68F Datasheet HTML 12Page - ams AG LRT68F Datasheet HTML 13Page - ams AG LRT68F Datasheet HTML 14Page - ams AG LRT68F Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LR T68F
DATASHEET
DATASHEET
11 | Version 1.4 | 2023-04-17
Dimensional Drawing 8)
GPLY6724
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Cathode marking
0.1 (0.004) (typ.)
A
C
Further Information:
Approximate Weight:
34.0 mg
Package marking:
Cathode
Corrosion test:
Class: 1B
Test condition: 25°C / 75 % RH / 200ppb SO
2, 200ppb NO2, 10ppb H2S,
10ppb Cl
2
/ 21 days (EN 60068-2-60 (Method 4))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com