Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRT68F Datasheet(PDF) 2 Page - ams AG

Part # LRT68F
Description  First SMT LED with integrated reflector.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LRT68F Datasheet(HTML) 2 Page - ams AG

  LRT68F Datasheet HTML 1Page - ams AG LRT68F Datasheet HTML 2Page - ams AG LRT68F Datasheet HTML 3Page - ams AG LRT68F Datasheet HTML 4Page - ams AG LRT68F Datasheet HTML 5Page - ams AG LRT68F Datasheet HTML 6Page - ams AG LRT68F Datasheet HTML 7Page - ams AG LRT68F Datasheet HTML 8Page - ams AG LRT68F Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LR T68F
DATASHEET
DATASHEET
2 | Version 1.4 | 2023-04-17
TOPLED® Black Surface
LR T68F
First SMT LED with integrated reflector. With our great experi-
ence on SMT LED we are able to offer a high quality product for
all kind of applications.
Applications
- Projection & Display
Features
- Package: white PLCC-2 package, colorless resin
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 625 nm (● red)
- Corrosion Robustness Class: 1B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com